Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC51024MC-45F256I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # LC51024MC-45F256I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC51024MC-45F256I Datasheet(HTML) 5 Page - Lattice Semiconductor

  LC51024MC-45F256I Datasheet HTML 1Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 2Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 3Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 4Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 5Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 6Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 7Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 8Page - Lattice Semiconductor LC51024MC-45F256I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
5
Figure 3. MFB in SuperWIDE Logic Mode†
Figure 4. Macrocell Slice in Logic Mode AND-Array
To Routing
PTOE
Sharing
Carry Out
68 Inputs
from
Routing
68 Inputs
from
Adjacent
MFB
Shared PT Reset
Shared PT Clk
Shared PT Clk En
From
GRP
68
PTSA
From
n-7
Carry-in
To
n+7
PTSA Bypass
PT OE to
I/O Block
From
I/O Cell
PT Clock
PT Preset
PT Reset
Shared PT Reset
Shared
PT CE
CLK0
Shared PTCLK
CLK1
CLK2
CLK3
Global Reset
Clk En
Clk
R/L
D
PR
Q
AND Array
Dual-OR Array
Macrocell
Output
to I/O Block or
Internal Control
(See Pin Table
for Assignments)
GRP
Carry-out


Similar Part No. - LC51024MC-45F256I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC51 MICROSEMI-LC51 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC51 MICROSEMI-LC51 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC51 MICROSEMI-LC51 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC51 NJSEMI-LC51 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Seoul Semiconductor
LC511 SEOUL-LC511 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
More results

Similar Description - LC51024MC-45F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com