Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO2280LUTSC-4TN144IES Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # LCMXO2280LUTSC-4TN144IES
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2280LUTSC-4TN144IES Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LCMXO2280LUTSC-4TN144IES Datasheet HTML 3Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 4Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 5Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 6Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 7Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 8Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 9Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 10Page - Lattice Semiconductor LCMXO2280LUTSC-4TN144IES Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
2-4
Architecture
Lattice Semiconductor
MachXO Family Data Sheet
There are 14 input signals: 13 signals from routing and one from the carry-chain (from the adjacent Slice/PFU).
There are 7 outputs: 6 to the routing and one to the carry-chain (to the adjacent Slice/PFU). Table 2-1 lists the sig-
nals associated with each Slice.
Figure 2-5. Slice Diagram
Table 2-1. Slice Signal Descriptions
Function
Type
Signal Names
Description
Input
Data signal
A0, B0, C0, D0 Inputs to LUT4
Input
Data signal
A1, B1, C1, D1 Inputs to LUT4
Input
Multi-purpose
M0/M1
Multipurpose Input
Input
Control signal
CE
Clock Enable
Input
Control signal
LSR
Local Set/Reset
Input
Control signal
CLK
System Clock
Input
Inter-PFU signal
FCIN
Fast Carry In
1
Output
Data signals
F0, F1
LUT4 output register bypass signals
Output
Data signals
Q0, Q1
Register Outputs
Output
Data signals
OFX0
Output of a LUT5 MUX
Output
Data signals
OFX1
Output of a LUT6, LUT7, LUT8
2 MUX depending on the Slice
Output
Inter-PFU signal
FCO
Fast Carry Out
1
1. See Figure 2-4 for connection details.
2. Requires two PFUs.
LUT4 &
CARRY
LUT4 &
CARRY
Slice
A0
B0
C0
D0
FF/
Latch
OFX0
F0
Q0
A1
B1
C1
D1
CI
CI
CO
CO
F
SUM
CE
CLK
LSR
FF/
Latch
OFX1
F1
Q1
Fast Connection
to I/O Cell*
F
SUM
D
D
M1
From Adjacent Slice/PFU
To Adjacent Slice/PFU
Fast Connection
to I/O Cell*
LUT
Expansion
Mux
M0
OFX0
From
Routing
To
Routing
Control Signals
selected and
inverted per
Slice in routing
Notes:
Some inter-Slice signals are not shown.
* Only PFUs at the edges have fast connections to the I/O cell.


Similar Part No. - LCMXO2280LUTSC-4TN144IES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO2280LUTSC-4TN144IES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com