Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX256EVIFN10032 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LX256EVIFN10032
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256EVIFN10032 Datasheet(HTML) 4 Page - Lattice Semiconductor

  LX256EVIFN10032 Datasheet HTML 1Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 2Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 3Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 4Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 5Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 6Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 7Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 8Page - Lattice Semiconductor LX256EVIFN10032 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
4
MUX and Register Block (MRB)
Every MRB Block has a 4:1 MUX (I/O MUX) and a set of three registers which are connected to the I/O buffers,
FIFO and sysHSI Blocks. Multiple MRBs can be combined to form large multiplexers as described below. Figure 3
shows the structure of the MRB.
Each of the three registers in the MRB can be configured as edge-triggered D-type flip-flop or as a level sensitive
latch. One register operates on the input data, the other output data and the last register synchronizes the output
enable function. The input and output data signals can bypass each of their registers. The polarity of the data out
and output enable signals can be selected.
The Output and OE register share the same clock and clock enable signals. The Input register has a separate clock
and clock enable. The initialization signals of each register can be independently configured as Set or Reset. These
registers have programmable polarity control for Clock, Clock Enable and Set/Reset. The output enable register
input can be set either by one of the two output enables generated locally from the Control Array or from one of the
four (two in 64 I/O) Global OE enable pins. In addition to the local clock and clock enable signals, each MRB has
access to Global Clock, Clock Enable, Reset and TOE nets.


Similar Part No. - LX256EVIFN10032

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX256EV LATTICE-LX256EV Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EV-35F484C LATTICE-LX256EV-35F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EV-35FN484C LATTICE-LX256EV-35FN484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EV-5F484C LATTICE-LX256EV-5F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EV-5F484I LATTICE-LX256EV-5F484I Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX256EVIFN10032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com