Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6258EX Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 4Page - STMicroelectronics L6258EX Datasheet HTML 5Page - STMicroelectronics L6258EX Datasheet HTML 6Page - STMicroelectronics L6258EX Datasheet HTML 7Page - STMicroelectronics L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics L6258EX Datasheet HTML 10Page - STMicroelectronics L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Block diagram
L6258EX
8/32
Figure 3.
Thermal characteristics
Table 4.
Electrical characteristics
(VS = 40V; VDD = 5V; Tj = 25°; unless otherwise specified.)
Parameter
Description
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
12
40
V
VDD
Logic supply voltage
4.75
5.25
V
VBOOT
Storage voltage
VS = 12 to 40V
VS+6
VS+12
V
VSense
Max drop across sense
resistor
1.25
V
VS(off)
Power off reset
Off threshold
6
7.2
V
VDD(off)
Power off reset
Off threshold
3.3
4.1
V
IS(on)
VS quiescent current
Both bridges ON, no load
15
mA
IS(off)
VS quiescent current
Both bridges OFF
7
mA
IDD
VDD operative current
15
mA
Conditions
Power Dissipated
(W)
T Ambient
(˚C)
Thermal J-A resistance
(˚C/W)
5.3
70
15
4.0
70
20
2.3
70
35
pad layout + ground layers + 16 via hol
PCB ref.: 4 LAYER cm 12 x 12
pad layout + ground layers
PCB ref.: 4 LAYER cm 12 x 12
pad layout + 6cm2 on board heat sink
PCB ref.: 2 LAYER cm 12 x 12
D02IN1370
0
0
2
4
6
8
15˚C/W
20˚C/W
35˚C/W
10
12
20
40
60
80
100
120
140
160
Ambient Temperature (˚C)
D02IN1371


Similar Part No. - L6258EX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258EX STMICROELECTRONICS-L6258EX Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258EX STMICROELECTRONICS-L6258EX Datasheet
305Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EXTR STMICROELECTRONICS-L6258EXTR Datasheet
305Kb / 32P
   PWM controlled high current DMOS universal motor driver
More results

Similar Description - L6258EX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258_07 Datasheet
314Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP_07 Datasheet
321Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
April 2000
L6258E STMICROELECTRONICS-L6258E_07 Datasheet
308Kb / 31P
   PWM controlled high current DMOS universal motor driver
L6258EXTR STMICROELECTRONICS-L6258EXTR Datasheet
305Kb / 32P
   PWM controlled high current DMOS universal motor driver
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com