Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6219R Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6219R
Description  Stepper motor driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6219R_06 Datasheet HTML 3Page - STMicroelectronics L6219R_06 Datasheet HTML 4Page - STMicroelectronics L6219R_06 Datasheet HTML 5Page - STMicroelectronics L6219R_06 Datasheet HTML 6Page - STMicroelectronics L6219R_06 Datasheet HTML 7Page - STMicroelectronics L6219R_06 Datasheet HTML 8Page - STMicroelectronics L6219R_06 Datasheet HTML 9Page - STMicroelectronics L6219R_06 Datasheet HTML 10Page - STMicroelectronics L6219R_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6219R
Electrical specifications
7/16
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
(*) With minimized copper area.
2.3
Electrical characteristics
.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply Voltage
30
V
Io
Output Current (peak)
±1
A
Io
Output Current (continuous)
±0.5
A
VSS
Logic Supply Voltage
7
V
VIN
Logic Input Voltage Range
-0.3 to VSS
V
Vsense
Sense Output Voltage
1.5
V
TJ
Junction Temperature
+150
°C
Top
Operating Temperature Range
-20 to +85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Table 3.
Thermal data
Symbol
Description
Value
Unit
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max.
Thermal Resistance Junction-ambient
Max.
18
75 (*)
°C/W
°C/W
Table 4.
Electrical Characteristics
(Tj = 25°C, VS = 4.5V, VSS = 4.75V to 5.25V, VREF = 2V; unless otherwise specified)
See Figure 5.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OUTPUT DRIVERS (OUTA or OUTB)
VS
Motor Supply Range
4.5
10
V
ICEX
Output Leakage Current *)
Vs = 30V; VOUT = Vs;
Vs = 30V; VOUT = 0
-
-50
<1
<-1
50
µA
µA
VCE(sat) Output Saturation Voltage
Sink Driver, IOUT= +300mA
Sink Driver, IOUT = +500mA
Source Driver, IOUT = -300mA
Source Driver, IOUT = -500mA
-
-
-
-
0.3
0.7
1.1
1.3
0.6
1
1.4
1.6
V
V
V
V


Similar Part No. - L6219R_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
More results

Similar Description - L6219R_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com