Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1708J883B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1708J883B
Description  DUAL NON-INVERTING POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1708J883B Datasheet(HTML) 3 Page - Texas Instruments

  UC1708J883B Datasheet HTML 1Page - Texas Instruments UC1708J883B Datasheet HTML 2Page - Texas Instruments UC1708J883B Datasheet HTML 3Page - Texas Instruments UC1708J883B Datasheet HTML 4Page - Texas Instruments UC1708J883B Datasheet HTML 5Page - Texas Instruments UC1708J883B Datasheet HTML 6Page - Texas Instruments UC1708J883B Datasheet HTML 7Page - Texas Instruments UC1708J883B Datasheet HTML 8Page - Texas Instruments UC1708J883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
UC1708
UC2708
UC3708
SLUS171C – MARCH 1997 – REVISED SEPTEMBER 2007
VALUE
UNIT
Supply Voltage, VIN
35
V
Steady-State
0.5
A
Output Current (Each Output, Source or Sink)
Peak Transient
3
A
Ouput Voltage
–0.3 to (VIN + 0.3)
V
Enable and Shutdown Inputs
–0.3 to 6.2
V
A and B Inputs
–0.3 to (VIN + 0.3)
V
Operating Junction Temperature(2)
150
°C
Storage Temperature Range
–65 to 150
°C
Lead Temperature (Soldering, 10 Seconds)
300
°C
(1)
All voltages are with respect to Logic Gnd pin. All currents are positive into, negative out of, device terminals.r
(2)
Consult Unitrode Integrated Circuits databook for information regarding thermal specifications and limitations of packages.
Unless otherwise stated, VIN=10V to 35V, and these specifications apply for: –55°C<TA<125°C for the UC1708,
–25
°C<T
A<85°C for the UC2708, and 0°C<TA<70°C for the UC3708, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Outputs low
18
26
VIN
Supply current
Outputs high
14
18
mA
Enable = 0 V
1
4
A, B and shutdown inputs low level
0.8
V
A, B and shutdown inputs high level
2.0
V
A, B Input current low
VA,B = 0.4V
–1
–0.6
mA
A, B Input current high
VA,B = 2.4V
–200
50
A
A, B Input leakage current high
VA,B = 35.3V
200
A
Shutdown input current low
VSHUTDOWN = 0.4V
20
100
A
VSHUTDOWN = 2.4V
170
500
A
Shutdown input current high
VSHUTDOWN = 6.2V
0.6
1.5
mA
Enable input current low
VENABLE = 0V
–600
–460
200
A
Enable input current high
VENABLE = 6.2V
200
A
Enable threshold rising
2.8
3.6
V
Enable threshold falling
1.0
2.4
3.4
V
VIN
IOUT = –50mA
2.0
V
Output High Saturation
VOUT
IOUT = –500mA
2.5
V
IOUT = 50mA
0.5
V
VOUT
Output Low Saturation
IOUT = 500mA
2.5
V
Thermal Shutdown
155
°C
Copyright © 1997–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1708 UC2708 UC3708


Similar Part No. - UC1708J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708J883B TI1-UC1708J883B Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

Similar Description - UC1708J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com