Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX256BCF10032 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # LX256BCF10032
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256BCF10032 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button LX256BCF10032 Datasheet HTML 4Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 5Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 6Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 7Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 8Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 9Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 10Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 11Page - Lattice Semiconductor LX256BCF10032 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
8
Figure 5. ispGDX2-256 sysIO Banks
There are three classes of I/O interface standards implemented in the ispGDX2 devices. The first is the non-termi-
nated, single-ended interface; it includes the 3.3V LVTTL standard along with the 1.8V, 2.5V and 3.3V LVCMOS
interface standards. The slew rate and strength of these output buffers can be controlled individually. Additionally,
PCI 3.3, PCI-X and AGP-1X are all subsets of this interface type. The second interface class implemented is the
terminated, single-ended interface standard. This group of interfaces includes different versions of SSTL and HSTL
interfaces along with CTT and GTL+. Use of these I/O interfaces requires an additional VREF signal. At the system
level, a termination voltage, VTT, is also required. Typically, an output will be terminated to VTT at the receiving end
of the transmission line it is driving. The final types of interfaces implemented are the differential standards
LVPECL, LVDS and Bus LVDS. Table 3 shows the I/O standards supported by the ispGDX2 devices along with
nominal VCCO, VREF and VTT.
The ispGDX2 family also features 5V tolerant I/O. I/O banks with VCCO = 3.3V may have inputs driven to a maxi-
mum of 5.5V for easy interfacing with legacy systems. Up to 64 I/O pins per device may be driven by 5V inputs.
sysIO Bank 5
sysIO Bank 6
sysIO Bank 2
sysIO Bank 1
sysIO Bank 7
sysIO Bank 0
sysIO Bank 4
sysIO Bank 3
VCCO5
VREF5
GND
VCCO2
VREF2
GND
VCCO6
VREF6
GND
VCCO1
VREF1
GND


Similar Part No. - LX256BCF10032

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX256B LATTICE-LX256B Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256B-35F484C LATTICE-LX256B-35F484C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX256B-35F484C LATTICE-LX256B-35F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256B-35FN484C LATTICE-LX256B-35FN484C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX256B-35FN484C LATTICE-LX256B-35FN484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX256BCF10032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com