Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT16500CTPVC Datasheet(PDF) 10 Page - Texas Instruments

Part # CY74FCT16500CTPVC
Description  18-Bit Registered Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16500CTPVC Datasheet(HTML) 10 Page - Texas Instruments

Back Button CY74FCT16500CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 9Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 10Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 11Page - Texas Instruments CY74FCT16500CTPVC Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CY74FCT16500CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500CTPVC TI-CY74FCT16500CTPVC Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500CTPVCT TI-CY74FCT16500CTPVCT Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500CTPVCT TI-CY74FCT16500CTPVCT Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
More results

Similar Description - CY74FCT16500CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com