Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN4393 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PN4393
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PN4393 Datasheet(HTML) 1 Page - Vishay Siliconix

  PN4393 Datasheet HTML 1Page - Vishay Siliconix PN4393 Datasheet HTML 2Page - Vishay Siliconix PN4393 Datasheet HTML 3Page - Vishay Siliconix PN4393 Datasheet HTML 4Page - Vishay Siliconix PN4393 Datasheet HTML 5Page - Vishay Siliconix PN4393 Datasheet HTML 6Page - Vishay Siliconix PN4393 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N/PN/SST4391 Series
Vishay Siliconix
Document Number: 70241
S-04028—Rev. F, 04-Jan-01
www.vishay.com
7-1
N-Channel JFETs
2N4391
PN4391
SST4391
2N4392
PN4392
SST4392
2N4393
PN4393
SST4393
PRODUCT SUMMARY
Part Number
VGS(off) (V)
rDS(on) Max (W)
ID(off) Typ (pA) tON Typ (ns)
2N/PN/SST4391
–4 to –10
30
5
4
2N/PN/SST4392
–2 to –5
60
5
4
2N/PN/SST4393
–0.5 to –3
100
5
4
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 4391<30 W
D Fast Switching—tON: 4 ns
D High Off-Isolation: ID(off) with Low
Leakage
D Low Capacitance: < 3.5 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error,” Excellent Accuracy
D Good Frequency Response, Low Glitches
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
D Commutators
DESCRIPTION
The 2N/PN/SST4391 series features many of the superior
characteristics of JFETs which make it a good choice for
demanding analog switching applications and for specialized
amplifier circuits.
The 2N series hermetically-sealed TO-206AA (TO-18) can is
available with processing per MIL-S-19500 (see Military
Information). Both the PN, TO-226AA (TO-92), and SST,
TO-236 (SOT-23), series are available in tape-and-reel for
automated assembly (see Packaging Information). For similar
dual products, see the 2N5564/5565/5566 data sheet.
D
S
G and Case
TO-206AA
(TO-18)
Top View
2N4391
2N4392
2N4393
1
23
TO-226AA
(TO-92)
Top View
PN4391
PN4392
PN4393
D
G
S
1
2
3
D
S
G
TO-236
(SOT-23)
2
3
1
Top View
SST4391 (CA)*
SST4392 (CB)*
SST4393 (CC)*
*Marking Code for TO-236
For applications information see AN104 and AN106
.


Similar Part No. - PN4393

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN4393 PHILIPS-PN4393 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
logo
Fairchild Semiconductor
PN4393 FAIRCHILD-PN4393 Datasheet
474Kb / 10P
   N-Channel Switch
logo
Calogic, LLC
PN4393 CALOGIC-PN4393 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
PN4393 LINEAR-PN4393 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Central Semiconductor C...
PN4393 CENTRAL-PN4393 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
More results

Similar Description - PN4393

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com