Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5383MNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5383MNR2G
Description  2 Phase Buck Controller with Integrated Gate Drivers and AVP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5383MNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5383MNR2G Datasheet HTML 3Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 4Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 5Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 10Page - ON Semiconductor NCP5383MNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP5383
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: 0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.5 V < VCC < 13.2 V; Fsw = 400 KHz)
Parameter
Units
Max
Typ
Min
Test Conditions
Oscillator
Switching Frequency Range
100
400
KHz
Switching Frequency Accuracy
ROSC = 100 K
W
90
100
110
KHz
Switching Frequency Accuracy
ROSC = 49.9 K
W
180
200
220
KHz
Switching Frequency Accuracy
ROSC = 24.9 K
W
360
400
440
KHz
ROSC Output Voltage
1.92
2.00
2.08
V
Modulators (PWM Comparators)
Minimum Pulse Width (Note 1)
Fs = 400 KHz
30
40
ns
Propagation Delay
20
ns
Magnitude of the PWM Ramp
1.0
V
0% Duty Cycle
COMP voltage when the PWM outputs
remain LO
1.3
V
100% Duty Cycle
COMP voltage when the PWM outputs
remain HI
2.3
V
PWM Comparator Offset Mismatch
40
Mv
Phase Angle Error
-15
15
deg
PWM Linear Duty Cycle
90
%
Gate Drivers
Upper Gate Source
Vbst - Vswn = 5 V,
VTG – VSWN = 4 V
1.8
W
Upper Gate Sink
Vbst - Vswn = 5 V,
VTG – VSWN = 1 V
1.8
W
Lower Gate Source
VCCP = 5 V, Vgs = 4 V
1.8
W
Lower Gate Sink
VCCP = 5 V, Vgs = 1 V
0.9
W
Upper gate transition times
Cload = 3 nF
16
ns
Cload = 3 nF
16
ns
Lower gate transition times
Cload = 3 nF
16
ns
Cload = 3 nF
7.0
ns
SWN falling to BG rising delay
Cload = 3 nF
18
ns
BG falling to TG rising delay
Cload = 3 nF
40
ns
Soft-Start
Soft-Start Pin Source Current
5.0
mA
Soft-Start Pin Discharge Voltage
Fault = 1
50
mV
Soft-Start Pin Discharge Time
From EN = 0 to VSS pin < max discharge
voltage, CSS = 0.01 mF
5.0
ms
Enable Input
Enable High Input Leakage Current
EN = 3.0 V
10
mA
Upper Threshold
VUPPER
0.80
0.85
0.90
V
Total Hysteresis
VUPPER – VLOWER
50
100
150
mV
Thermal Shutdown
Thermal Trip Point
TSD
160
C
1. Guaranteed by design, not tested in production.


Similar Part No. - NCP5383MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
More results

Similar Description - NCP5383MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
logo
Texas Instruments
LM3754 TI-LM3754_15 Datasheet
1Mb / 47P
[Old version datasheet]   Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
ON Semiconductor
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com