Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3822AMTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3822AMTRPBF
Description  HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3822AMTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3822AMTRPBF Datasheet HTML 1Page - International Rectifier IR3822AMTRPBF Datasheet HTML 2Page - International Rectifier IR3822AMTRPBF Datasheet HTML 3Page - International Rectifier IR3822AMTRPBF Datasheet HTML 4Page - International Rectifier IR3822AMTRPBF Datasheet HTML 5Page - International Rectifier IR3822AMTRPBF Datasheet HTML 6Page - International Rectifier IR3822AMTRPBF Datasheet HTML 7Page - International Rectifier IR3822AMTRPBF Datasheet HTML 8Page - International Rectifier IR3822AMTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
03/07/08
2
PD-60345
IR3822AMPbF
PACKAGE INFORMATION
5mm x 6mm POWER QFN
12
VIN
11
SW
10
PGnd
15
AGnd
1
23
4
5
6
7
8
9
14
13
Vsns
FB COMP AGnd AGnd SS OCSet
PGood
V
CC
V
C
HG
Fig. 2: Package outline (Top view)
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND)
•V
IN Supply Voltage
-0.3V to 24V
Vcc Supply Voltage
-0.3V to 16V
Vc Supply Voltage
-0.3V to 30V
SW
-0.3V to 30V
PGood
-0.3V to 16V
Fb,COMP,SS,Vsns
-0.3V to 3.5V
•OCSet
10mA
AGnd to PGnd
-0.3V to +0.3V
Storage Temperature Range
-65
°C To 150°C
Operating Junction Temperature Range
-40
°C To 150°C
ESD Classification
JEDEC, JESD22-A114
Moisture Sensitivity Level
JEDEC Level 3 @ 260oC
Caution: Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to “Absolute Maximum
Rating” conditions for extended periods may affect device reliability.
4000
PARTS PER
REEL
15
PIN
COUNTS
IR3822AMTRPBF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION


Similar Part No. - IR3822AMTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMTRPBF IRF-IR3822AMTRPBF Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3822AMTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com