Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3507MPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR3507MPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507MPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3507MPBF Datasheet HTML 4Page - International Rectifier IR3507MPBF Datasheet HTML 5Page - International Rectifier IR3507MPBF Datasheet HTML 6Page - International Rectifier IR3507MPBF Datasheet HTML 7Page - International Rectifier IR3507MPBF Datasheet HTML 8Page - International Rectifier IR3507MPBF Datasheet HTML 9Page - International Rectifier IR3507MPBF Datasheet HTML 10Page - International Rectifier IR3507MPBF Datasheet HTML 11Page - International Rectifier IR3507MPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IR3507
Page 8 of 19
Jan 09, 2008
Frequency and Phase Timing Control
The oscillator is located in the Control IC and the system clock frequency is programmable from 250kHz to 9MHZ by an
external resistor. The control IC system clock signal (CLKOUT) is connected to CLKIN of all the phase ICs. The phase
timing of the phase ICs is controlled by the daisy chain loop, where control IC phase clock output (PHSOUT) is
connected to the phase clock input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is connected to
PHSIN of the second phase IC, etc. and PHSOUT of the last phase IC is connected back to PHSIN of the control IC.
During power up, the control IC sends out clock signals from both CLKOUT and PHSOUT pins and detects the
feedback at PHSIN pin to determine the phase number and monitor any fault in the daisy chain loop. Figure 2 shows the
phase timing for a four phase converter. The switching frequency is set by the resistor ROSC. The clock frequency
equals the number of phase times the switching frequency.
Phase IC1
PWM Latch SET
Control IC CLKOUT
(Phase IC CLKIN)
Control IC PHSOUT
(Phase IC1 PHSIN)
Phase IC 1 PHSOUT
(Phase IC2 PHSIN)
Phase IC 2 PHSOUT
(Phase IC3 PHSIN)
Phase IC 3 PHSOUT
(Phase IC4 PHSIN)
Phase IC4 PHSOUT
(Control IC PHSIN)
Figure 2: Four Phase Oscillator Waveforms
PWM Operation
The PWM comparator is located in the phase IC. Upon receiving the falling edge of a clock pulse, the PWM latch is set;
the PWMRMP voltage begins to increase; the low side driver is turned off, and the high side driver is then turned on
after the non-overlap time. When the PWMRMP voltage exceeds the error amplifier’s output voltage, the PWM latch is
reset. This turns off the high side driver and then turns on the low side driver after the non-overlap time; it activates the
ramp discharge clamp, which quickly discharges the PWMRMP capacitor to the output voltage of share adjust amplifier
in phase IC until the next clock pulse.
The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go up to 100% duty cycle in response to a load step
increase with turn-on gated by the clock pulses. An error amplifier output voltage greater than the common mode input
range of the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This arrangement
guarantees the error amplifier is always in control and can demand 0 to 100% duty cycle as required. It also favors
response to a load step decrease, which is appropriate given the low output to input voltage ratio of most systems. The
inductor current will increase much more rapidly than decrease in response to load transients. The error amplifier is a
high speed amplifier with 110 dB of open loop gain. It is not unity gain stable. This control method is designed to provide
“single cycle transient response” where the inductor current changes in response to load transients within a single
switching cycle maximizing the effectiveness of the power train and minimizing the output capacitor requirements.


Similar Part No. - IR3507MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3507MPBF IRF-IR3507MPBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3507MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com