Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3507MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3507MPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3507MPBF Datasheet(HTML) 3 Page - International Rectifier

  IR3507MPBF Datasheet HTML 1Page - International Rectifier IR3507MPBF Datasheet HTML 2Page - International Rectifier IR3507MPBF Datasheet HTML 3Page - International Rectifier IR3507MPBF Datasheet HTML 4Page - International Rectifier IR3507MPBF Datasheet HTML 5Page - International Rectifier IR3507MPBF Datasheet HTML 6Page - International Rectifier IR3507MPBF Datasheet HTML 7Page - International Rectifier IR3507MPBF Datasheet HTML 8Page - International Rectifier IR3507MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IR3507
Page 3 of 19
Jan 09, 2008
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
8.0V
” V
CC
” 28V, 4.75V ” V
CCL
” 7.5V, 0oC ” T
J
” 125oC. 0.5V ” 9 '$&,1 ” 9, 500kHz ” &/.,1 ” 0+], 250kHz
” 3+6,1 ”0+]
ELECTRICAL CHARACTERISTICS
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions.
Typical values represent the median values, which are related to 25°C.
CGATEH = 3.3nF, CGATEL = 6.8nF (unless otherwise specified).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gate Drivers
GATEH Source Resistance
BOOST – SW = 7V. Note 1
1.0
2.5
Ÿ
GATEH Sink Resistance
BOOST – SW = 7V. Note 1
1.0
2.5
Ÿ
GATEL Source Resistance
VCCL – PGND = 7V. Note 1
1.0
2.5
Ÿ
GATEL Sink Resistance
VCCL – PGND = 7V. Note 1
0.4
1.0
Ÿ
GATEH Source Current
BOOST=7V, GATEH=2.5V, SW=0V.
2.0
A
GATEH Sink Current
BOOST=7V, GATEH=2.5V, SW=0V.
2.0
A
GATEL Source Current
VCCL=7V, GATEL=2.5V, PGND=0V.
2.0
A
GATEL Sink Current
VCCL=7V, GATEL=2.5V, PGND=0V.
4.0
A
GATEH Rise Time
BOOST – SW = 7V, measure 1V to 4V
transition time
5
10
ns
GATEH Fall Time
BOOST – SW = 7V, measure 4V to 1V
transition time
5
10
ns
GATEL Rise Time
VCCL – PGND = 7V, Measure 1V to 4V
transition time
10
20
ns
GATEL Fall Time
VCCL – PGND = 7V, Measure 4V to 1V
transition time
5
10
ns
GATEL low to GATEH high
delay
BOOST = VCCL = 7V, SW = PGND = 0V,
measure time from GATEL falling to 1V to
GATEH rising to 1V
10
20
40
ns
GATEH low to GATEL high
delay
BOOST = VCCL = 7V, SW = PGND = 0V,
measure time from GATEH falling to 1V to
GATEL rising to 1V
10
20
40
ns
Disable Pull-Down
Resistance
Note 1
30
80
130
N
Clock
CLKIN Threshold
Compare to V(VCCL)
40
45
57
%
CLKIN Bias Current
CLKIN = V(VCCL)
-0.5
0.0
0.5
µA
CLKIN Phase Delay
Measure time from CLKIN<1V to GATEH>1V
40
75
125
ns
PHSIN Threshold
Compare to V(VCCL)
35
50
55
%
PHSOUT Propagation
Delay
Measure time from CLKIN > (VCCL * 50% )
to PHSOUT > (VCCL *50%), 10pF Load
@125oC
4
15
35
ns
PHSIN Pull-Down
Resistance
30
100
170
N
PHSOUT High Voltage
I(PHSOUT) = -10mA, measure VCCL –
PHSOUT
1
0.6
V
PHSOUT Low Voltage
I(PHSOUT) = 10mA
0.4
1
V


Similar Part No. - IR3507MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3507MPBF IRF-IR3507MPBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3507MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com