Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA50513TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA50513TR
Description  40V 3.5A QUAD POWER HALF BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA50513TR Datasheet(HTML) 4 Page - STMicroelectronics

  STA50513TR Datasheet HTML 1Page - STMicroelectronics STA50513TR Datasheet HTML 2Page - STMicroelectronics STA50513TR Datasheet HTML 3Page - STMicroelectronics STA50513TR Datasheet HTML 4Page - STMicroelectronics STA50513TR Datasheet HTML 5Page - STMicroelectronics STA50513TR Datasheet HTML 6Page - STMicroelectronics STA50513TR Datasheet HTML 7Page - STMicroelectronics STA50513TR Datasheet HTML 8Page - STMicroelectronics STA50513TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STA505
4/10
Table 4. Absolute Maximum Ratings
Table 5. Thermal Data
Table 6. Electrical Characteristcs (VL = 3.3V; Vcc = 30V; Tamb = 25°C; fsw = 384Khz; unless otherwise
specified)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Pin 4,7,12,15)
40
V
Vmax
Maximum Voltage on pins 23 to 32
5.5
V
Top
Operating Temperature Range
-40 to 90
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tj-case
Thermal Resistance Junction to Case (thermal pad)
2.5
°C/W
TjSD
Thermal shut-down junction temperature
150
°C
Twarn
Thermal warning temperature
130
°C
thSD
Thermal shut-down hysteresis
25
°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id=1A;
200
270
m
Idss
Power Pchannel/Nchannel
leakage Idss
Vcc=35V
50
µA
gN
Power Pchannel RdsON Matching Id=1A
95
%
gP
Power Nchannel RdsON
Matching
Id=1A
95
%
Dt_s
Low current Dead Time (static)
see test circuit no.1; see fig. 1
10
20
ns
Dt_d
High current Dead Time (dinamic) L=22
µH; C = 470nF; Rl = 8 Ω
Id=3.5A; see fig. 3
50
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load; as fig.1;
25
ns
tf
Fall time
Resistive load; as fig. 1;
25
ns
VCC
Supply voltage operating voltage
10
36
V
VIN-High
High level input voltage
VL/2
+300mV
V
VIN-Low
Low level input voltage
VL/2 -
300mV
V
IIN-H
High level Input current
Pin voltage = VL
1
µA
IIN-L
Low level input current
Pin voltage = 0.3V
1
µA


Similar Part No. - STA50513TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
logo
Sanken electric
STA505A SANKEN-STA505A Datasheet
11Kb / 1P
   N-channel General purpose
More results

Similar Description - STA50513TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
   40V 3.5A quad power half bridge
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
   40V 3.5A DOUBLE POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
   16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com