Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORSPI4-2FE1036I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ORSPI4-2FE1036I
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
Download  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4-2FE1036I Datasheet(HTML) 5 Page - Lattice Semiconductor

  ORSPI4-2FE1036I Datasheet HTML 1Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 2Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 3Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 4Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 5Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 6Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 7Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 8Page - Lattice Semiconductor ORSPI4-2FE1036I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
5
Figure 2. System Model for SPI4 Interface
The details of the interface are specified in the OIF document “Implementation Agreement OIF-SPI4-02.0”
(www.oiforum.com). That specification is based on the system model shown in the previous figure, which, in turn, is
based on the Open System Interconnect (OSI) reference model. In the system model, a “transmit interface” sends
address, start and end of packet signals and error control information from a Link Layer device to a PHY device and
receives flow control (status) information from the PHY device. In the other direction, a “receive interface” at the
Link Layer receives data from a PHY device and sends status information to the PHY device. While this convention
provides a clear framework for defining the system level functions, a clean separation between Link Layer and
Physical Layer functionality is not often seen in actual implementations.
The ORSPI4 FPSC SPI4 blocks implement the basic functions defined in the standard and also implements addi-
tional options, as suggested in the standard, to configure parameters such as maximum burst size, calendar
length, length of training sequence, etc. As required by the specification, the transmit and receive interfaces oper-
ate completely independently.
Receive Link
Layer Device
Physical (PHY)
Layer Device
TSTAT[1:0]
TSCLK
TDCLK
TDAT[15:0]
TCTL
RSTAT[1:0]
RSCLK
RDCLK
RDAT[15:0]
RCTL
PHY Layer in Model
Link Layer in Model
Transmit Link
Layer Device


Similar Part No. - ORSPI4-2FE1036I

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ORS LITTELFUSE-ORS Datasheet
424Kb / 2P
   Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS120A150SD LITTELFUSE-ORS120A150SD Datasheet
424Kb / 2P
   Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS230A150SD LITTELFUSE-ORS230A150SD Datasheet
424Kb / 2P
   Dedicated - Single Shot
2016 Rev: 1-A-062216
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
ORSO42G5-1BM484C LATTICE-ORSO42G5-1BM484C Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
More results

Similar Description - ORSPI4-2FE1036I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORLI10G LATTICE-ORLI10G Datasheet
907Kb / 80P
   Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
logo
Agere Systems
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
logo
THine Electronics, Inc.
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Freescale Semiconductor...
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com