Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT8850 Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # ORT8850
Description  Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT8850 Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button ORT8850 Datasheet HTML 10Page - Lattice Semiconductor ORT8850 Datasheet HTML 11Page - Lattice Semiconductor ORT8850 Datasheet HTML 12Page - Lattice Semiconductor ORT8850 Datasheet HTML 13Page - Lattice Semiconductor ORT8850 Datasheet HTML 14Page - Lattice Semiconductor ORT8850 Datasheet HTML 15Page - Lattice Semiconductor ORT8850 Datasheet HTML 16Page - Lattice Semiconductor ORT8850 Datasheet HTML 17Page - Lattice Semiconductor ORT8850 Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
Lattice Semiconductor
ORCA ORT8850 Data Sheet
14
SONET Framing
Each 850 Mbits/s serial link uses a pseudo-SONET protocol. SONET A1/A2 framing is used on the link to detect
the 8 kHz frame location. The link is also scrambled using the standard SONET scrambler definition to ensure
proper transitions on the link for improved CDR performance. The ORT8850 can do SONET framing and scram-
bling in both STS-12 and STS-3 formats.
Elastic buffers (FIFOs) are used to align each incoming STS-12 link to the local 77.76 MHz clock and 8 kHz frame.
These FIFOs will absorb delay variations between the eight channels due to timing skews between cards and
along backplane traces. For greater variations, a streamlined pointer processor (pointer mover) within the STM
macro will align the 8 kHz frames regardless of their incoming frame position.
The data rates for SONET are covered in the following table. Values that fall in between those shown in the table for
each mode are supported (126.00 Mbits/s - 212.50 Mbits/s, 504.00 Mbits/s - 850.00 Mbits/s). 63.00 MHz is the
slowest reference clock while 106.25 MHz is the fastest reference clock frequency supported.
Table 2. Supported SONET Data Rates
An STS-N frame can be broadly divided into the Transport Overhead (TOH) and the Synchronous Payload Enve-
lope (SPE) areas. The TOH comprises of bytes that are used for framing, error detection and various other func-
tions. The start of the SPE can begin at any point in a SONET frame. The start of the SPE is determined using the
pointer bytes located in the TOH. The basic STS-1 frame is shown in Figure 4. Higher rate STS_N signals are cre-
ated by byte interleaving N STS-1 signals. Some TOH bytes have slightly different functions in STS-N frames than
in the basic STS-1 frame. The ORT8850 offers both a transparent option and a serial insertion option for process-
ing the TOH bytes.
Figure 4. STS-1 Frame Format
Reference
Clock
STS-12 Mode
STS-3 Mode
63 MHz
504.00 Mbits/s
126.00 Mbits/s
77.76 MHz
622.08 Mbits/s
155.52 Mbits/s
106.25 MHz
850.00 Mbits/s
212.50 Mbits/s
Synchronous
Transport
Overhead
(TOH)
Payload Envelope
(SPE)
3 columns
90 columns
9 rows


Similar Part No. - ORT8850

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850H AGERE-ORT8850H Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850L AGERE-ORT8850L Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
More results

Similar Description - ORT8850

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT4622 AGERE-ORT4622 Datasheet
1Mb / 90P
   Field-Programmable System Chip (FPSC) Four-Channel x 622 Mbits/s Backplane Transceiver
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
DNC3X3125 AGERE-DNC3X3125 Datasheet
460Kb / 32P
   DNC3X3125 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3625 AGERE-DNC3X3625 Datasheet
464Kb / 32P
   Hex 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3825 AGERE-DNC3X3825 Datasheet
465Kb / 32P
   Octal 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3425 AGERE-DNC3X3425 Datasheet
757Kb / 32P
   DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
logo
SMSC Corporation
EVB-USB2514Q36-BAS SMSC-EVB-USB2514Q36-BAS Datasheet
269Kb / 6P
   Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
EVB-USB2517 SMSC-EVB-USB2517 Datasheet
499Kb / 6P
   Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com