Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT8850 Datasheet(PDF) 81 Page - Lattice Semiconductor

Part # ORT8850
Description  Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT8850 Datasheet(HTML) 81 Page - Lattice Semiconductor

Back Button ORT8850 Datasheet HTML 77Page - Lattice Semiconductor ORT8850 Datasheet HTML 78Page - Lattice Semiconductor ORT8850 Datasheet HTML 79Page - Lattice Semiconductor ORT8850 Datasheet HTML 80Page - Lattice Semiconductor ORT8850 Datasheet HTML 81Page - Lattice Semiconductor ORT8850 Datasheet HTML 82Page - Lattice Semiconductor ORT8850 Datasheet HTML 83Page - Lattice Semiconductor ORT8850 Datasheet HTML 84Page - Lattice Semiconductor ORT8850 Datasheet HTML 85Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 105 page
background image
Lattice Semiconductor
ORCA ORT8850 Data Sheet
81
Package Information
Table 34 summarizes the programmable I/O clock and power pins available to the ORT8850 devices.
Table 34. ORT8850 IO and Power Pin Summary
There are some incompatibilities between the ORT8850H and ORT8850L due to the fact that the ORT8850L is a
much smaller array and hence does not provide as many programmable IOs (PIOs). In order to allow pin-for-pin
compatible board layouts that can accommodate either device, key compatibility issues include the following:
• Unused Pins Table 35 shows a list of bonded ORT8850H PIOs that are unused in the ORT8850L. As shown in
the table, there are 19 balls that are not available in the ORT8850L, but are available in the ORT8850H. These
user I/Os should not be used if an ORT8850L will be used.
• Shared Control Signals on I/O Registers. The ORCA Series 4 architecture shares clock and control signals
between two adjacent I/O pads. If I/O registers are used, incompatibilities may arise between ORT8850L and
ORT8850H when different clock or control signals are needed on adjacent package pins. This is because one
device may allow independent clock or control signals on these adjacent pins, while the other may force them to
be the same. There are two ways to avoid this issue.
– Always keep an open bonded pin (non-bonded pins for the ORT8850L do not count) between pins that
require different clock or control signals. Note that this open pin can be used to connect signals that do not
require the use of I/O registers to meet timing.
– Place and route the design in both the ORT8850H and ORT8850L to verify both produce valid designs. Note
that this method guarantees the current design, but does not necessarily guard against issues that can
occur when design changes are made that affect I/O registers.
– 2X/4X I/O Shift Registers. If 2X I/O shift registers or 4X I/O shift registers are used in the design, this may
cause incompatibilities between the ORT880L and ORT8850H because only the A and C I/Os in a PIC sup-
port 2X I/O shift registers and only A I/Os supports 4X I/O shift register mode. A and C I/Os are shown in the
following pinout tables under the I/O pad columns as those ending in A or C.
• Edge Clock Input Pins. The input buffers for fast edge clocks are only available at the C I/O pad. The C I/Os are
shown in the following pinout tables under the I/O pad columns as those ending in C.
I/O or Power Type
ORT8850L
ORT8850H
User I/O Single Ended
278
297
User I/O Differential Pairs (LVDS, LVPECL)
129
129
Configuration
7
7
Dedicated Function
3
3
VDD15
48
48
VDD33
28
28
VDDIO
38
38
Vss
89
89
Single-Ended/Differential I/O per Bank
Bank 0
64/32
68/32
Bank 1
47/20
47/20
Bank 2
ASIC I/O
ASIC I/O
Bank 3
ASIC I/O
ASIC I/O
Bank 4
ASIC I/O
ASIC I/O
Bank 5
44/18
44/18
Bank 6
76/32
76/32
Bank 7
55/27
62/27


Similar Part No. - ORT8850

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850H AGERE-ORT8850H Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT8850L AGERE-ORT8850L Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
More results

Similar Description - ORT8850

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
   Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
ORT4622 AGERE-ORT4622 Datasheet
1Mb / 90P
   Field-Programmable System Chip (FPSC) Four-Channel x 622 Mbits/s Backplane Transceiver
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
DNC3X3125 AGERE-DNC3X3125 Datasheet
460Kb / 32P
   DNC3X3125 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3625 AGERE-DNC3X3625 Datasheet
464Kb / 32P
   Hex 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3825 AGERE-DNC3X3825 Datasheet
465Kb / 32P
   Octal 10/100 Mbits/s Ethernet Transceiver Macrocell
DNC3X3425 AGERE-DNC3X3425 Datasheet
757Kb / 32P
   DNC3X3425 Quad 10/100 Mbits/s Ethernet Transceiver Macrocell
logo
SMSC Corporation
EVB-USB2514Q36-BAS SMSC-EVB-USB2514Q36-BAS Datasheet
269Kb / 6P
   Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
EVB-USB2517 SMSC-EVB-USB2517 Datasheet
499Kb / 6P
   Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com