Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST62E60C Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST62E60C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E60C Datasheet(HTML) 5 Page - STMicroelectronics

  ST62E60C Datasheet HTML 1Page - STMicroelectronics ST62E60C Datasheet HTML 2Page - STMicroelectronics ST62E60C Datasheet HTML 3Page - STMicroelectronics ST62E60C Datasheet HTML 4Page - STMicroelectronics ST62E60C Datasheet HTML 5Page - STMicroelectronics ST62E60C Datasheet HTML 6Page - STMicroelectronics ST62E60C Datasheet HTML 7Page - STMicroelectronics ST62E60C Datasheet HTML 8Page - STMicroelectronics ST62E60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
5/84
ST62T53C/T60C/T63C ST62E60C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The
ST62T53C,
ST62T60C, ST62T63C and
ST62E60C devices are low cost members of the
ST62xx 8-bit HCMOS family of microcontrollers,
which is targeted at low to medium complexity ap-
plications. All ST62xx devices are based on a
building block approach: a common core is sur-
rounded by a number of on-chip peripherals.
The ST62E60C is the erasable EPROM version of
the ST62T60C device, which may be used to em-
ulate the ST62T53C, ST62T60C and ST62T63C
devices, as well as the respective ST6253C,
ST6260B and ST6263B ROM devices.
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the OTP/
EPROM versions.
OTP devices offer all the advantages of user pro-
grammability at low cost, which make them the
ideal choice in a wide range of applications where
frequent code changes, multiple code versions or
last minute programmability are required.
These compact low-cost devices feature a Timer
comprising an 8-bit counter and a 7-bit program-
mable prescaler, an 8-bit Auto-Reload Timer,
EEPROM data capability (except ST62T53C), a
serial port communication interface, an 8-bit A/D
Converter with 7 analog inputs and a Digital
Watchdog timer, making them well suited for a
wide range of automotive, appliance and industrial
applications.
Figure 1. Block Diagram
TEST
NMI
INTERRUPT
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
PORT A
PORT B
TIMER
DIGITAL
8 BIT CORE
TEST/VPP
8-BIT
A/D CONVERTER
PA0..PA3 / Ain
PB0..PB3 / 30 mA Sink
VDD VSS OSCin OSCout
RESET
WATCHDOG
MEMORY
PB6 / ARTimin / 30 mA Sink
PORT C
PC2 / Sin / Ain
PC3 / Sout / Ain
SPI (SERIAL
PERIPHERAL
INTERFACE)
AUTORELOAD
TIMER
PC4 / Sck / Ain
PB7 / ARTimout / 30 mA Sink
128 Bytes
1836 bytes OTP
3884 bytes OTP
3884 bytes EPROM
(ST62T53C,T63C)
(ST62T60C)
(ST62E60C)
DATA EEPROM
64 Bytes
128 Bytes
(ST62T60C/E60C)
(ST62T63C)


Similar Part No. - ST62E60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62E60C STMICROELECTRONICS-ST62E60C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62E60CF1 STMICROELECTRONICS-ST62E60CF1 Datasheet
1Mb / 83P
   8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
More results

Similar Description - ST62E60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T55CM-AUTO STMICROELECTRONICS-ST62T55CM-AUTO Datasheet
1Mb / 79P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52CM-AUTO STMICROELECTRONICS-ST62T52CM-AUTO Datasheet
1Mb / 72P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com