Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT42G5 Datasheet(PDF) 31 Page - Lattice Semiconductor

Part # ORT42G5
Description  0.6 to 3.7 Gbps XAUI and FC FPSCs
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT42G5 Datasheet(HTML) 31 Page - Lattice Semiconductor

Back Button ORT42G5 Datasheet HTML 27Page - Lattice Semiconductor ORT42G5 Datasheet HTML 28Page - Lattice Semiconductor ORT42G5 Datasheet HTML 29Page - Lattice Semiconductor ORT42G5 Datasheet HTML 30Page - Lattice Semiconductor ORT42G5 Datasheet HTML 31Page - Lattice Semiconductor ORT42G5 Datasheet HTML 32Page - Lattice Semiconductor ORT42G5 Datasheet HTML 33Page - Lattice Semiconductor ORT42G5 Datasheet HTML 34Page - Lattice Semiconductor ORT42G5 Datasheet HTML 35Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 119 page
background image
Lattice Semiconductor
ORCA ORT42G5 and ORT82G5 Data Sheet
31
• FMPU_SYNMODE_B = 11111111 (Register Location 30911)
To enable/disable multi-channel alignment of individual channels within a multi-channel alignment group:
• FMPU_STR_EN_xx = 1 enabled
• FMPU_STR_EN_xx = 0 disabled
• (Register Location 30810 and 30910, where xx is one of AC, AD, BC or BD.)
To resynchronize a multichannel alignment group set the following bit to zero, and then set it to one.
• FMPU_RESYNC4 for four channels, AC, AD, BC and BD. (Register Location 30A02, bit 2)
• FMPU_RESYNC2A for dual channels, AC and AD. (Register Location 30820, bit 5)
• FMPU_RESYNC2B for block channels, BC and BD. (Register Location 30920, bit 5)
To resynchronize an independent channel (resetting the write and the read pointer of the FIFO) set the following bit
to zero, and then set it to one.
FMPU_RESYNC1_xx (Register Locations 30820 and 30920, bits 2 and 3, where xx is one of AC, AD, BC or BD).
ORT82G5 Configuration
Register settings for multi-channel alignment are shown in Table 7.
Table 7. Multi-channel Alignment Modes
To align all eight channels:
• FMPU_SYNMODE_A[A:D] = 11
• FMPU_SYNMODE_B[A:D] = 11
To align all four channels in SERDES A:
• FMPU_SYNMODE_A[A:D] = 01
To align two channels in SERDES A:
• FMPU_SYNMODE_A[A:B] = 10 for channel AA and AB
• FMPU_SYNMODE_A[C:D] = 10 for channel AC and AD
A similar alignment can be defined for SERDES B.
To enable/disable synchronization signal of individual channel within a multi-channel alignment group:
• FMPU_STR_EN_xx = 1 enabled
• FMPU_STR_EN_xx = 0 disabled
where xx is one of A[A:D] and B[A:D].
To resynchronize a multi-channel alignment group set the following bit to zero, and then set it to one:
• FMPU_RESYNC8 for eight channel A[A:D] and B[A:D]
• FMPU_RESYNC4A for quad channel A[A:D]
• FMPU_RESYNC2A1 for twin channel A[A:B]
Register Bits
FMPU_SYNMODE_xx[0:1]
Mode
00
No multi-channel alignment.
10
Twin channel alignment.
01
Quad channel alignment.
11
Eight channel alignment.
Note: Where xx is one of A[A:D] and B[A:D].


Similar Part No. - ORT42G5

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCBC BOT-ORT43SBCBCBCBC Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCG BOT-ORT43SBCBCBCG Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCO BOT-ORT43SBCBCBCO Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCR BOT-ORT43SBCBCBCR Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
More results

Similar Description - ORT42G5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
[Old version datasheet]   10-Gbps XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com