Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT42G5 Datasheet(PDF) 55 Page - Lattice Semiconductor

Part # ORT42G5
Description  0.6 to 3.7 Gbps XAUI and FC FPSCs
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORT42G5 Datasheet(HTML) 55 Page - Lattice Semiconductor

Back Button ORT42G5 Datasheet HTML 51Page - Lattice Semiconductor ORT42G5 Datasheet HTML 52Page - Lattice Semiconductor ORT42G5 Datasheet HTML 53Page - Lattice Semiconductor ORT42G5 Datasheet HTML 54Page - Lattice Semiconductor ORT42G5 Datasheet HTML 55Page - Lattice Semiconductor ORT42G5 Datasheet HTML 56Page - Lattice Semiconductor ORT42G5 Datasheet HTML 57Page - Lattice Semiconductor ORT42G5 Datasheet HTML 58Page - Lattice Semiconductor ORT42G5 Datasheet HTML 59Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
Lattice Semiconductor
ORCA ORT42G5 and ORT82G5 Data Sheet
55
Parallel Loopback at MUX/DEMUX Boundary, Excluding SERDES
This is a low-frequency test mode used to test the MUX/DEMUX logic block. As with the mode described in the pre-
vious section, the loopback path is at the interface between the SERDES blocks and the MUX and DEMUX blocks
and uses the parallel 10-bit buses at these interfaces (see Figure 33). However, the loopback connection is made
such that the output signals from the TX MUX block are used as the input signals to the RX SERDES block. In this
loopback mode the MRWDxx[39:0], TWDxx[31:0], TCOMMAxx[3:0] and TBIT9xx[3:0] signal lines function normally
and the high-speed serial input and output buffers are not used. Use of this mode also requires configuration of the
FPGA logic to connect the MRWDxx[39:0], TWDxx[31:0], TCOMMAxx[3:0] and TBIT9xx[3:0] signal lines to exter-
nal pins. The basic loopback path is shown in Figure 33.
Figure 33. Parallel Loopback at MUX/DEMUX Boundary, Excluding SERDES
This test mode is enabled by setting the pin PLOOP_TEST_ENN to 0. PASB_TESTCLK must be running in this
mode at 4x frequency of RSYS_CLK[A2, B2] or TSYS_CLK_[AC, AD, BC, BD] for the ORT42G5 and
RSYS_CLK[A1,A2,B1,B2] or TSYS_CLK_[AA, AB... BD] for the ORT82G5.
SERDES Characterization Test Mode (ORT82G5 Only)
The SERDES characterization mode is a test mode that allows for direct control and observation of the transmit
and receive SERDES interfaces at chip ports. With these modes the SERDES logic and I/O can be tested one
channel at a time in either the receive or transmit modes. The SERDES characterization mode is available for only
one quad (quad B) of the ORT82G5.
The characterization test mode is configured by setting bits in the control registers via the system bus. There are
four bits that set up the test mode. The transmit characterization test mode is entered when SCHAR_ENA=1 and
SCHAR_TXSEL=1. Entering this mode will cause chip port inputs to directly control the SERDES low-speed trans-
mit ports of one of the channels as shown in Table 23.
Table 23. SERDES Transmit Characterization Mode
The x in the table will be a single channel in SERDES quad B, selected by the SCHAR_CHAN control bits. The
decoding of SCHAR_CHAN is shown in Table 24.
Chip Port
SERDES Input
PSCHAR_CKIO0
TBCBx
PSCHAR_LDIO[9:0]
LDINBx[9:0]
DEMUX
MUX
Embedded Core
FPGA Logic
40
MRWDxx[39:0]
32
4
4
Receive
Transmit
TWDxx[31:0]
TCOMMAxx[3:0]
TBIT9xx[3:0]
Data
Checking
Data
Generation
n
m
{
Parallel
Loopback
Connection
Test
Equipment


Similar Part No. - ORT42G5

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCBC BOT-ORT43SBCBCBCBC Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCG BOT-ORT43SBCBCBCG Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCO BOT-ORT43SBCBCBCO Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
ORT43SBCBCBCR BOT-ORT43SBCBCBCR Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
More results

Similar Description - ORT42G5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
[Old version datasheet]   10-Gbps XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com