Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFEC20 Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # LFEC20
Description  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC20 Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button LFEC20 Datasheet HTML 41Page - Lattice Semiconductor LFEC20 Datasheet HTML 42Page - Lattice Semiconductor LFEC20 Datasheet HTML 43Page - Lattice Semiconductor LFEC20 Datasheet HTML 44Page - Lattice Semiconductor LFEC20 Datasheet HTML 45Page - Lattice Semiconductor LFEC20 Datasheet HTML 46Page - Lattice Semiconductor LFEC20 Datasheet HTML 47Page - Lattice Semiconductor LFEC20 Datasheet HTML 48Page - Lattice Semiconductor LFEC20 Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 163 page
background image
3-9
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
BLVDS
The LatticeECP/EC devices support BLVDS standard. This standard is emulated using complementary LVCMOS
outputs in conjunction with a parallel external resistor across the driver outputs. BLVDS is intended for use when
multi-drop and bi-directional multi-point differential signaling is required. The scheme shown in Figure 3-2 is one
possible solution for bi-directional multi-point differential signals.
Figure 3-2. BLVDS Multi-point Output Example
Table 3-2. BLVDS DC Conditions
1
Over Recommended Operating Conditions
Typical
Parameter
Description
Zo = 45
Zo = 90
Units
ZOUT
Output impedance
100
100
ohm
RTLEFT
Left end termination
45
90
ohm
RTRIGHT
Right end termination
45
90
ohm
VOH
Output high voltage
1.375
1.48
V
VOL
Output low voltage
1.125
1.02
V
VOD
Output differential voltage
0.25
0.46
V
VCM
Output common mode voltage
1.25
1.25
V
IDC
DC output current
11.2
10.2
mA
1. For input buffer, see LVDS table.
Heavily loaded backplane, effective Zo ~ 45 to 90 ohms differential
2.5V
80
80
80
80
80
80
45-90 ohms
45-90 ohms
80
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
+
-
. . .
-
. . .
+
-
-


Similar Part No. - LFEC20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFEC20 ETC-LFEC20 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Lattice Semiconductor
LFEC20E-3F256C LATTICE-LFEC20E-3F256C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC20E-3F256I LATTICE-LFEC20E-3F256I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC20E-3F484C LATTICE-LFEC20E-3F484C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC20E-3F484I LATTICE-LFEC20E-3F484I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Similar Description - LFEC20

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com