Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD3NK90Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD3NK90Z
Description  N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NK90Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD3NK90Z Datasheet HTML 5Page - STMicroelectronics STD3NK90Z Datasheet HTML 6Page - STMicroelectronics STD3NK90Z Datasheet HTML 7Page - STMicroelectronics STD3NK90Z Datasheet HTML 8Page - STMicroelectronics STD3NK90Z Datasheet HTML 9Page - STMicroelectronics STD3NK90Z Datasheet HTML 10Page - STMicroelectronics STD3NK90Z Datasheet HTML 11Page - STMicroelectronics STD3NK90Z Datasheet HTML 12Page - STMicroelectronics STD3NK90Z Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
STP3NK90Z - STP3NK90ZFP - STD3NK90Z - STD3NK90Z-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STD3NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
   N-channel 900 V, 4.1 廓 typ., 3 A Zener-protected SuperMESH??Power MOSFET in DPAK, TO-220 and TO-220FP packages
January 2013 Rev 2
logo
Inchange Semiconductor ...
STD3NK90ZT4 ISC-STD3NK90ZT4 Datasheet
354Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
563Kb / 24P
   N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
Rev 3 - August 2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
   N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
Rev 3 - August 2018
More results

Similar Description - STD3NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
   N-channel 900V - 0.35廓 - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com