Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST19WL18 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19WL18
Description  Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WL18 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19WL18 Datasheet HTML 1Page - STMicroelectronics ST19WL18 Datasheet HTML 2Page - STMicroelectronics ST19WL18 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
April 2004
For further information contact your local ST sales office.
ST19WL18
Smartcard MCU With Modular Arithmetic Processor
& 18 Kbytes High Density EEPROM
3
PRODUCT FEATURES
I
ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
I
112 KBYTES USER ROM WITH
PARTITIONING
I
4 KBYTES USER RAM WITH
PARTITIONING
I
18 KBYTES USER EEPROM WITH
PARTITIONING including 128 BYTES USER
and ST OTP AREA:
Highly reliable CMOS EEPROM
submicron technology
Error Correction Code for single bit fail
correction within a byte
10 year data retention
500,000 Erase/Write cycles endurance
1 to 64 bytes Erase or Program in 2 ms
I
SECURITY FIREWALLS FOR MEMORIES,
MODULAR ARITHMETIC PROCESSOR and
ENHANCED DES ACCELERATOR.
I
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH
PROGRAMMING AND CLOCK
MANAGEMENT.
I
3x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
I
HARDWARE SECURITY ENHANCED DES
ACCELERATOR WITH LIBRARY SUPPORT
FOR SYMMETRICAL ALGORITHMS:
DES, triple DES computations and CBC
chaining mode...
I
1088 Bit MODULAR ARITHMETIC
PROCESSOR WITH LIBRARY SUPPORT
FOR ASYMMETRICAL ALGORITHMS
Fast modular multiplication and squaring
using Montgomery method
Software Crypto libraries in separate ST
ROM area for efficient algorithm coding
using a set of advanced functions
Software selectable operand length up to
2176 bits.
I
ISO 3309 CRC CALCULATION BLOCK
I
FIPS 140-2 COMPLIANT RANDOM
NUMBER GENERATOR WITH TWO GUN
REGISTERS (Generators of Unpredictable
Number)
I
2.7 V TO 5.5 V SUPPLY VOLTAGE
I
EXTERNAL CLOCK FREQUENCY UP TO
8MHz
I
HIGH PERFORMANCE PROVIDED USING
INTERNAL CLOCK FREQUENCY
I
UNIQUE SERIAL NUMBER ON EACH DIE
I
POWER SAVING STANDBY MODE
I
CONTACT ASSIGNMENT COMPATIBLE
ISO 7816-2
I
2SERIAL ACCESS I/O’S, ISO 7816-3
COMPATIBLE
I
ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
Function
Speed(1)
1.
Typical values, independent from external clock frequency
and supply voltage.
RSA 1024 bits signature with CRT(2)
2.
CRT: Chinese Remainder Theorem.
85 ms
RSA 1024 bits signature without CRT(2)
282 ms
RSA 1024 bits verification (e=’$10001’)5.5 ms
RSA 1024 bits key generation
2.5 s
RSA 2048 bits signature with CRT(2)
570 ms
RSA 2048 bits verification (e=’$10001’)91 ms
Triple DES (with enhanced security)
58.0 µs
Single DES (with enhanced security)
43.0 µs
259a.ai
Micromodule
Wafer


Similar Part No. - ST19WL18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WL34 STMICROELECTRONICS-ST19WL34 Datasheet
46Kb / 3P
   Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
ST19WL66 STMICROELECTRONICS-ST19WL66 Datasheet
46Kb / 3P
   Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
More results

Similar Description - ST19WL18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16WL18 STMICROELECTRONICS-ST16WL18 Datasheet
46Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor 18 Kbytes High Density EEPROM
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
   Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
ST19WI18 STMICROELECTRONICS-ST19WI18 Datasheet
54Kb / 3P
   SMASmartcard MCU With Modular Arithmetic Processor, I2C & 18 Kbytes High Density EEPROM
ST16CF54 STMICROELECTRONICS-ST16CF54 Datasheet
35Kb / 3P
   Smartcard MCU With 4 KBytes EEPROM 512 Bits Modular Arithmetic Processor
ST19WL34 STMICROELECTRONICS-ST19WL34 Datasheet
46Kb / 3P
   Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
ST19WK08-A STMICROELECTRONICS-ST19WK08-A Datasheet
45Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor ISO Asynchronous Receiver Transmitter & 8 Kbytes EEPROM
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
   Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
   Smartcard MCU With 34 Kbytes High Density EEPROM
ST21Y068 STMICROELECTRONICS-ST21Y068 Datasheet
89Kb / 4P
   Smartcard MCU with 68 KBytes High Density EEPROM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com