Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4032C-75TN44E Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LA4032C-75TN44E
Description  3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LA4032C-75TN44E Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LA4032C-75TN44E Datasheet HTML 6Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 7Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 8Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 9Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 10Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 11Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 12Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 13Page - Lattice Semiconductor LA4032C-75TN44E Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Lattice Semiconductor
LA-ispMACH 4000V/Z Automotive Family Data Sheet
10
Figure 8. I/O Cell
Each output supports a variety of output standards dependent on the VCCO supplied to its I/O bank. Outputs can
also be configured for open drain operation. Each input can be programmed to support a variety of standards, inde-
pendent of the VCCO supplied to its I/O bank. The I/O standards supported are:
• LVTTL
• LVCMOS 1.8
• LVCMOS 3.3
• 3.3V PCI Compatible
• LVCMOS 2.5
All of the I/Os and dedicated inputs have the capability to provide a bus-keeper latch, Pull-up Resistor or Pull-down
Resistor. A fourth option is to provide none of these. The selection is done on a global basis. The default in both
hardware and software is such that when the device is erased or if the user does not specify, the input structure is
configured to be a Pull-up Resistor.
Each LA-ispMACH 4000V/Z automotive device I/O has an individually programmable output slew rate control bit.
Each output can be individually configured for fast slew or slow slew. The typical edge rate difference between fast
and slow slew setting is 20%. For high-speed designs with long, unterminated traces, the slow-slew rate will intro-
duce fewer reflections, less noise and keep ground bounce to a minimum. For designs with short traces or well ter-
minated lines, the fast slew rate can be used to achieve the highest speed.
Global OE Generation
Most LA-ispMACH 4000V/Z automotive family devices have a 4-bit wide Global OE Bus, except the LA-ispMACH
4032V and LA-ispMACH4032Z devices that have a 2-bit wide Global OE Bus. This bus is derived from a 4-bit inter-
nal global OE PT bus and two dual purpose I/O or GOE pins. Each signal that drives the bus can optionally be
inverted.
Each GLB has a block-level OE PT that connects to all bits of the Global OE PT bus with four fuses. Hence, for a
128-macrocell device (with 16 blocks), each line of the bus is driven from 8 OE product terms. Figures 9 and 10
show a graphical representation of the global OE generation.
GOE 0
From ORP
*Global fuses
From ORP
To Macrocell
To GRP
GOE 1
GOE 2
GOE 3
VCC
VCCO
VCCO
**
*


Similar Part No. - LA4032C-75TN44E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
LA407B3B CTS-LA407B3B Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B3CB CTS-LA407B3CB Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B3U CTS-LA407B3U Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B4B CTS-LA407B4B Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA407B4CB CTS-LA407B4CB Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results

Similar Description - LA4032C-75TN44E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com