Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15T150A Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM15T150A
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T150A Datasheet(HTML) 7 Page - STMicroelectronics

  SM15T150A Datasheet HTML 1Page - STMicroelectronics SM15T150A Datasheet HTML 2Page - STMicroelectronics SM15T150A Datasheet HTML 3Page - STMicroelectronics SM15T150A Datasheet HTML 4Page - STMicroelectronics SM15T150A Datasheet HTML 5Page - STMicroelectronics SM15T150A Datasheet HTML 6Page - STMicroelectronics SM15T150A Datasheet HTML 7Page - STMicroelectronics SM15T150A Datasheet HTML 8Page - STMicroelectronics SM15T150A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SM15T
Package mechanical data
7/9
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 5.
Marking
Unidirectional
Marking
Bidirectional
Marking
SM15T6V8A
MDE
SM15T6V8CA
BDE
SM15T7V5A
MDG
SM15T7V5CA
BDG
SM15T10A
MDP
SM15T10CA
BDP
SM15T12A
MDT
SM15T12CA
BDT
SM15T15A
MDX
SM15T15CA
BDX
SM15T18A
MEE
SM15T18CA
BEE
SM15T22A
MEK
SM15T22CA
BEK
SM15T24A
MEM
SM15T24CA
BEM
SM15T27A
MEP
SM15T27CA
BEP
SM15T30A
MER
SM15T30CA
BER
SM15T33A
MET
SM15T33CA
BET
SM15T36A
MEV
SM15T36CA
BEV
SM15T39A
MEX
SM15T39CA
BEX
SM15T68A
MFP
SM15T68CA
BFP
SM15T75A
MFO
SM15T75CA
BFO
SM15T100A
MFX
SM15T100CA
BFX
SM15T150A
MGK
SM15T150CA
BGK
SM15T200A
MGV
SM15T200CA
BGV
SM15T220A
MGX
SM15T220CA
BGX


Similar Part No. - SM15T150A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T150A STMICROELECTRONICS-SM15T150A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T150A GE-SM15T150A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T150A VISHAY-SM15T150A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T150A MDE-SM15T150A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T150A VISHAY-SM15T150A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T150A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com