Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6109N44ANL Datasheet(PDF) 12 Page - Torex Semiconductor

Part No. XC6109N44ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6109N44ANL Datasheet(HTML) 12 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
XC6109 Series
XC6109N25AN
0.10
0.15
0.20
0.25
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=6.0V VOUT=6.0V
XC6109N25AN
0.10
0.15
0.20
0.25
01
23
45
6
Supply Voltage: VOUT (V)
VIN=6.0V
(10) Leak Current vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Leak Current vs. Supply Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn