Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6109N44ANL Datasheet(PDF) 9 Page - Torex Semiconductor

Part No. XC6109N44ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6109N44ANL Datasheet(HTML) 9 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
XC6109
Series
■NOTES ON USE
1. Use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent
damage to the device.
2. The input pin voltage drops by the resistance between power supply and the VIN pin, and by through current at
operation of the IC. At this time, the operation may be wrong if the input pin voltage falls below the minimum operating
voltage range. In CMOS output, for output current, drops in the input pin voltage similarly occur. Oscillation of the
circuit may occur if the drops in voltage, which caused by through current at operation of the IC, exceed the hysteresis
voltage. Note it especially when you use the IC with the VIN pin connected to a resistor.
3. Note that a rapid and high fluctuation of the input pin voltage may cause a wrong operation.
4. When there is a possibility of which the input pin voltage falls rapidly (e.g.: 6.0V to 0V) at release operation with the
delay capacitance pin (Cd) connected to a capacitor, use a schottky barrier diode connected between the VIN pin and
the Cd pin as the Figure 3 shown below.
5.
When N-ch open drain output is used, output voltages VOUT at voltage detection and release are determined by a
pull-up resistor tied to the output pin. A resistance value of the pull-up resistor can be selected with referring to the
followings. (Refer to Figure 4)
During detection, the formula is given as
VOUT=Vpull/(1+Rpull/RON)
where Vpull is pull-up voltage and RON (*1) is ON resistance of N-ch driver M5 (RON=VDS/IOUT1 from the electrical
characteristics table).
For example, when VIN=2.0V (*2), RON = 0.5/0.8×10
-3=625Ω(MIN.) and if you want to get VOUT less than 0.1V when
Vpull=3.0V, Rpull can be calculated as follows;
Rpull=(Vpull /VOUT-1)×RON=(3/0.1-1)×625≒18kΩ
Therefore, pull-up resistance should be selected 18kΩ or higher.
(*1) VIN is smaller, RON is bigger
(*2) For the calculation, the lowest VIN should be used among of the VIN range
During release, the formula is given as
VOUT=Vpull/(1+Rpull/Roff)
where Vpull is pull-up voltage Roff is OFF resistance of N-ch driver M5 (Roff=VOUT/ILEAK=15MΩ from the
electrical characteristics table)
For examples, if you want to get VOUT larger than 5.99V when Vpull is 6.0V, Rpull can be calculated as follows;
Rpull=(Vpull/VOUT-1)×Roff=(6/5.99-1)×15×10
6≒25kΩ
Therefore, pull-up resistance should be selected 25kΩ or below.
Figure 3: Circuit example with the delay capacitance pin
(Cd) connected to a schottky barrier diode
Note: Roff=VOUT/ILEAK
Figure 4: Circuit example of XC6109N Series
(No resistor needed
for CMOS output
products)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn