Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6109N44ANL Datasheet(PDF) 8 Page - Torex Semiconductor

Part No. XC6109N44ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6109N44ANL Datasheet(HTML) 8 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
XC6109 Series
+
-
VIN
VOUT
Cd
VSS
Vref
RSEN=R1+R2+R3
Rdelay
R1
R2
R3
M1
M3
M2
M5
M4
VIN
Cd
■OPERATIONAL EXPLANATION (Continued)
Figure 1: Typical application circuit example
Figure 2: The timing chart of Figure 1
Input Voltage: VIN
Release Voltage: VDF+VHYS
Detect Voltage: VDF
Minimum Operating Voltage (0.7V)
Delay Capacitance Pin Voltage: VCD
Delay Capacitance Pin Threshold Voltage: VTCD
Output Pin Voltage: VOUT
④⑤
The circuit which uses the delay
Capacitance pin as power input.
N-ch transictor for the delay
Capacitance discharge.
Delay Capacitor [Cd]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn