Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L491350DIE2V Datasheet(PDF) 13 Page - STMicroelectronics

Part # L491350DIE2V
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L491350DIE2V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L491350DIE2V Datasheet HTML 9Page - STMicroelectronics L491350DIE2V Datasheet HTML 10Page - STMicroelectronics L491350DIE2V Datasheet HTML 11Page - STMicroelectronics L491350DIE2V Datasheet HTML 12Page - STMicroelectronics L491350DIE2V Datasheet HTML 13Page - STMicroelectronics L491350DIE2V Datasheet HTML 14Page - STMicroelectronics L491350DIE2V Datasheet HTML 15Page - STMicroelectronics L491350DIE2V Datasheet HTML 16Page - STMicroelectronics L491350DIE2V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RHFL4913XX15 - RHFLXX25 - RHFLXX33 - RHFLXX50
Package mechanical data
13/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.16
2.72
0.085
0.107
b
0.43
0.017
c0.13
0.005
D
9.910.390
E6.91
0.272
E2
4.32
0.170
E3
0.76
0.030
e
1.27
0.050
L
6.72
0.265
Q
0.66
1.14
0.026
0.045
S1
0.13
0.005
Flat-16 (MIL-STD-1835) mechanical data
7450901A
1
8
16
e
b
c
L
E
D
S1
Q
A
E2
E3
L
E3
9


Similar Part No. - L491350DIE2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L491350DIE2V STMICROELECTRONICS-L491350DIE2V Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
L491350DIE2V STMICROELECTRONICS-L491350DIE2V Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - L491350DIE2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com