Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A171PR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6601A171PR
Description  Low Voltage Input LDO Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A171PR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6601A171PR Datasheet HTML 1Page - Torex Semiconductor XC6601A171PR Datasheet HTML 2Page - Torex Semiconductor XC6601A171PR Datasheet HTML 3Page - Torex Semiconductor XC6601A171PR Datasheet HTML 4Page - Torex Semiconductor XC6601A171PR Datasheet HTML 5Page - Torex Semiconductor XC6601A171PR Datasheet HTML 6Page - Torex Semiconductor XC6601A171PR Datasheet HTML 7Page - Torex Semiconductor XC6601A171PR Datasheet HTML 8Page - Torex Semiconductor XC6601A171PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4/32
XC6601 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Bias Voltage
VBIAS
VSS-0.3 ~ +7.0
V
Input Voltage
VIN
VSS-0.3 ~ +7.0
V
Output Current
IOUT
700
(*1)
mA
VSS-0.3 ~ VBIAS+0.3
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3 ~ +7.0
V
100
USP-6C
1000 (PCB mounted) *2
250
SOT-25
600 (PCB mounted) *2
500
Power Dissipation
SOT-89-5
Pd
1300 (PCB mounted) *2
mW
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +125
(*1) IOUT=Less than Pd / (VIN-VOUT)
(*2) The power dissipation figure shown is PCB mounted. Please refer to pages 28~30 for details.
■MAXIMUM ABSOLUTE RATINGS
Ta=25 ℃


Similar Part No. - XC6601A171PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A121ER TOREX-XC6601A121ER Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121ER-G TOREX-XC6601A121ER-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121MR TOREX-XC6601A121MR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121MR-G TOREX-XC6601A121MR-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A121PR TOREX-XC6601A121PR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601A171PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com