Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC-POWR1014A Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPPAC-POWR1014A
Description  In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC-POWR1014A Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPPAC-POWR1014A Datasheet HTML 2Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 3Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 4Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 5Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 6Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 7Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 8Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 9Page - Lattice Semiconductor ISPPAC-POWR1014A Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Lattice Semiconductor
ispPAC-POWR1014/A Data Sheet
2-6
Voltage Monitors
High Voltage FET Drivers
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
RIN
Input resistance
55
65
75
CIN
Input capacitance
8
pF
VMON Range
Programmable trip-point range
0.075
5.867
V
VZ Sense
Near-ground sense threshold
70
75
80
mV
VMON Accuracy
Absolute accuracy of any trip-point
1
0.3
0.9
%
HYST
Hysteresis of any trip-point (relative to
setting)
1%
1. Guaranteed by characterization across VCCA range, operating temperature, process.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VPP
Gate driver output voltage
10V setting
9.6
10
10.4
V
8V setting
7.7
8
8.3
6V setting
5.8
6
6.2
IOUTSRC
Gate driver source current
(HIGH state)
Four settings in software
12.5
µA
25
50
100
IOUTSINK
Gate driver sink current
(LOW state)
FAST OFF mode
2000
3000
µA
Controlled ramp settings
100
250
500


Similar Part No. - ISPPAC-POWR1014A

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-POWR1014A LATTICE-ISPPAC-POWR1014A Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014A-01T48I LATTICE-ISPPAC-POWR1014A-01T48I Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014A-01TN48I LATTICE-ISPPAC-POWR1014A-01TN48I Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
More results

Similar Description - ISPPAC-POWR1014A

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPPAC-POWR1014 LATTICE-LA-ISPPAC-POWR1014 Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014 LATTICE-ISPPAC-POWR1014 Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com