Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T27AY Datasheet(PDF) 8 Page - STMicroelectronics

Part # SM6T27AY
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T27AY Datasheet(HTML) 8 Page - STMicroelectronics

  SM6T27AY Datasheet HTML 1Page - STMicroelectronics SM6T27AY Datasheet HTML 2Page - STMicroelectronics SM6T27AY Datasheet HTML 3Page - STMicroelectronics SM6T27AY Datasheet HTML 4Page - STMicroelectronics SM6T27AY Datasheet HTML 5Page - STMicroelectronics SM6T27AY Datasheet HTML 6Page - STMicroelectronics SM6T27AY Datasheet HTML 7Page - STMicroelectronics SM6T27AY Datasheet HTML 8Page - STMicroelectronics SM6T27AY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
SM6T
8/9
4
Ordering information
5
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM6T
See Table 6 on page 7
SMB
0.12 g
5000
Tape and reel
Table 8.
Document revision history
Date
Revision
Changes
August-2001
4A
Previous update.
15-Sep-2004
5
1. Types table parameters on page 2: IRM @ Tj = 85 °C condition added
2. IRM max values changed
26-Mar-2008
6
Reformatted to current standard. SMB dimensions and footprint updated.
Maximum junction temperature replaced with operating junction
temperature range in Table 1. Automotive grade versions indicated in
Description section, in Table 4 and Table 6.


Similar Part No. - SM6T27AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Similar Description - SM6T27AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com