Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6365C203ER Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6365C203ER
Description  PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6365C203ER Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6365C203ER Datasheet HTML 6Page - Torex Semiconductor XC6365C203ER Datasheet HTML 7Page - Torex Semiconductor XC6365C203ER Datasheet HTML 8Page - Torex Semiconductor XC6365C203ER Datasheet HTML 9Page - Torex Semiconductor XC6365C203ER Datasheet HTML 10Page - Torex Semiconductor XC6365C203ER Datasheet HTML 11Page - Torex Semiconductor XC6365C203ER Datasheet HTML 12Page - Torex Semiconductor XC6365C203ER Datasheet HTML 13Page - Torex Semiconductor XC6365C203ER Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/24
XC6365/XC6366 Series
Circuit 7. XC6365C, XC6366C (when used with a PNP transistor)
Circuit 8. XC6365D, XC6366D (when used with a PNP transistor)
■TEST CIRCUITS (Continued)
Recommended Components
C, D type (soft-start externally set-up)
Tr
: XP162A12A6PR (Torex P-channel Power MOSFET)
CSS : 0.033μF (Ceramic Capacitor)
Please use a PNP transistor where VIN < 2.5V
RSS : 470kΩ(C type), 330kΩ(D type)
L
: 22μH (CR54, SUMIDA, fOSC=300kHz)
47μH (CR75, SUMIDA, fOSC=180kHz)
B, D type (FB type)
10μH (CR54, SUMIDA, fOSC=500kHz)
RFB : Set up so that RFB1 / RFB2 = VOUT – 1
SD : MA2Q735 (Schottky Diode, MATSUSHITA)
(VOUT = setting output voltage),
CL :10V, 47μF (Tantalum capacitor, NICHICHEMl MCE)
RFB1 = RFB2
2MΩ
CIN :16V 10μF (Tantalum capacitor, NICHICHEMI MCE)
CFB : Set up so that fzfb = 1÷(2π x CFB x RFB1) is within
the 0.5 to 20kHz range (10kHz conventional)
PNP Tr. Type
Adjustments necessary in respect of L, CL.
Tr
: 2SA1213 (TOSHIBA)
e.g. : VOUT = 3.0V
RB : 500Ω(Adjust according to load and Tr. hFE levels)
RFB1 = 400kΩ, RFB2 = 200kΩ, CFB = 100pF
CB : 2200pF (Ceramic Type)
Set up so that CB1 / (2π x RB x FOSC x 0.7)


Similar Part No. - XC6365C203ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365C203ML TOREX-XC6365C203ML Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365C203MR TOREX-XC6365C203MR Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
More results

Similar Description - XC6365C203ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com