Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VE110LT44 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPLSI2032VE110LT44
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE110LT44 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI2032VE110LT44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 14Page - Lattice Semiconductor ISPLSI2032VE110LT44 Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Specifications ispLSI 2032VE
11
Signal Descriptions
GOE 0
Global Output Enable input pin
Y0
Dedicated Clock input. This clock input is connected to one of the clock inputs of all the GLBs in the
device.
RESET/Y1
This pin performs two functions: (1) Active Low (0) Reset pin which resets all of the registers in the
device. (2) Dedicated Clock input.
BSCAN
Input – Dedicated in-system programming Boundary Scan enable input pin. This pin is brought low to
enable the programming mode. The TMS, TDI, TDO and TCK controls become active.
TDI/IN 0
Input – This pin performs two functions. (1) When BSCAN is logic low, it functions as a serial data input
pin to load programming data into the device. (2) When BSCAN is high, it functions as a dedicated input
pin.
TMS/NC1
Input – This pin performs two functions. (1) When BSCAN is logic low, it functions as a mode control pin
for the Boundary Scan state machine. (2) When BSCAN is high, this pin is not to be connected to any
active signals, VCC or GND.
TDO/IN 1
Output/Input – This pin performs two functions. (1) When BSCAN is logic low, it functions as an output
pin to read serial shift register data. (2) When BSCAN is high, it functions as a dedicated input pin.
TCK/Y2
Input – This pin performs two functions. (1) When BSCAN is logic low, it functions as a clock pin for the
Boundary Scan state machine. (2) When BSCAN is high, it functions as a Dedicated Clock input.
GND
Ground (GND)
VCC
Vcc
NC1
No Connect
I/O
Input/Output pins – These are the general purpose I/O pins used by the logic array.
Signal Name
Description
GOE 0
40
2
43
A4
Y0
5
11
5
C1
RESET/Y1
29
35
31
D7
BSCAN
713
7D1
TDI/IN 0
8
14
8
E2
TMS/NC1
30
36
32
C6
TDO/IN 1
18
24
19
G4
TCK/Y2
27
33
29
E7
GND
17, 39
1, 23
18, 42
C4, E4
VCC
6, 28
12, 34
6, 30
D3, D5
NC1
12, 24, 36, 48
A1, A7, D4, G1, G7
Signal
44-Pin TQFP
44-Pin PLCC
48-Pin TQFP
49-Ball caBGA
1. NC pins are not to be connected to any active signals, VCC or GND.
Signal Locations
I/O Locations
Signal
44-Pin TQFP
44-Pin PLCC
48-Pin TQFP
49-Ball caBGA
I/O 0 - I/O 6
9, 10, 11, 12, 13, 14, 15
15, 16, 17, 18, 19, 20, 21
9, 10, 11, 13, 14, 15, 16
E1, F2, F1, E3, F3, G2, F4
I/O 7 - I/O 13
16, 19, 20, 21, 22, 23, 24
22, 25, 26, 27, 28, 29, 30
17, 20, 21, 22, 23, 25, 26
G3, F5, G5, F6, G6, E5, E6
I/O 14 - I/O 20
25, 26, 31, 32, 33, 34, 35
31, 32, 37, 38, 39, 40, 41
27, 28, 33, 34, 35, 37, 38
F7, D6, C7, B6, B7, C5, B5
I/O 21 - I/O 27
36, 37, 38, 41, 42, 43, 44
42, 43, 44, 3, 4, 5, 6
39, 40, 41, 44, 45, 46, 47
A6, B4, A5, B3, A3, B2, A2
I/O 28 - I/O 31
1, 2, 3, 4
7, 8, 9, 10
1, 2, 3, 4
C3, C2, B1, D2


Similar Part No. - ISPLSI2032VE110LT44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LB49 LATTICE-ISPLSI2032VE-110LB49 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LJ44 LATTICE-ISPLSI2032VE-110LJ44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT44 LATTICE-ISPLSI2032VE-110LT44 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE-110LT48 LATTICE-ISPLSI2032VE-110LT48 Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE110LT44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com