Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6701DG2ER Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6701DG2ER
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DG2ER Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6701DG2ER Datasheet HTML 2Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 3Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 4Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 5Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 6Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 7Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 8Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 9Page - Torex Semiconductor XC6701DG2ER Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6/32
XC6701 Series
Ta=+25
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Voltage
VOUT(E)
IOUT=10mA
E-0
V
VIN= VOUT(T)+3.0V
(VOUT(T)≧3.0V)
150
-
-
mA
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+3.0V
(VOUT(T)
<3.0V )
100
-
-
mA
1mA
≦IOUT≦50mA
1.8V
≦VOUT(T)≦5.0V
-
50
90
1mA
≦IOUT≦50mA
5.1V
≦VOUT(T)≦12.0V
-
110
175
Load Regulation
△VOUT
1mA
≦IOUT≦50mA
12.1V
≦VOUT(T)≦18.0V
-
180
275
mV
Dropout Voltage1
Vdif1
IOUT=20mA
E-2
mV
Dropout Voltage2
Vdif2
IOUT =100mA , VCE=VIN
E-3
mV
1.8V
≦VOUT(T)≦5.0V
11
50
105
μA
5.1V
≦VOUT(T)≦12.0V
11
60
115
Supply Current
ISS
12.1V
≦VOUT(T)≦18.0V
11
65
125
μA
Line Regulation1
△VOUT /
△VIN・VOUT(T)
VOUT(T)+2.0V
≦VIN≦28.0V
IOUT=5mA
-
0.05
0.10
%
/V
Line Regulation2
△VOUT /
△VIN・VOUT(T)
VOUT(T)+2.0V
≦VIN≦28.0V
IOUT=13mA
-
0.15
0.30
%
/V
Input Voltage
VIN
2.0
-
28.0
V
-
Output Voltage
Temperature Characteristics
△VOUT /
△Ta・VOUT(T)
IOUT=20mA
-40
℃≦Ta≦85℃
-
±100
-
ppm/
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+2.0V]+0.5Vp-pAC
IOUT=20mA , f=1kHz
-
50
-
dB
Short Current
Ishort
VIN=VOUT(T)+2.0V
-
40
-
mA
Thermal Shutdown Detect
Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown Release
Temperature
TTSR
Junction Temperature
-
125
-
Hysteresis Width
TTSD-TTSR
Junction Temperature
-
25
-
-
■ELECTRICAL CHARACTERISTICS (Continued)
●XC6701D Series
NOTE:
*1: VOUT(T): Specified output voltage
*2: VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+2.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*3: Vdif={VIN1
{Note 5} - VOUT1 {Note 4}}
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized when VOUT(T) < 3.0V, IOUT{VOUT(T)+3.0V} is input.
: A voltage equal to 98% of the output voltage whenever an amply stabilized when VOUT(T)
≧3.0V, IOUT{VOUT(T)+2.0V} is input.
*5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(T)+2.0V.


Similar Part No. - XC6701DG2ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701D182ER TOREX-XC6701D182ER Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182ER-G TOREX-XC6701D182ER-G Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182FR TOREX-XC6701D182FR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182JR TOREX-XC6701D182JR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701D182MR TOREX-XC6701D182MR Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701DG2ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com