Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VE Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI2128VE
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VE Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI2128VE Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128VE Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Specifications ispLSI 2128VE
6
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030B/2128VE
v.1.0
1
3
2
1
tsu2 + tco1
(
)
DESCRIPTION
#
PARAMETER
A1
Data Propagation Delay, 4PT Bypass, ORP Bypass
ns
tpd2
A2
Data Propagation Delay
ns
fmax
A3
Clock Frequency with Internal Feedback
MHz
fmax (Ext.)
—4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
—5
Clock Frequency, Max. Toggle
MHz
tsu1
—6
GLB Reg. Setup Time before Clock, 4 PT Bypass
ns
tco1
A7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
—8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
—9
GLB Reg. Setup Time before Clock
ns
tco2
A10
GLB Reg. Clock to Output Delay
ns
th2
—11
GLB Reg. Hold Time after Clock
ns
tr1
A12
Ext. Reset Pin to Output Delay, ORP Bypass
ns
trw1
—13
Ext. Reset Pulse Duration
ns
tptoeen
B14
Input to Output Enable
ns
tptoedis
C15
Input to Output Disable
ns
tgoeen
B16
Global OE Output Enable
ns
tgoedis
C17
Global OE Output Disable
ns
twh
—18
External Synchronous Clock Pulse Duration, High
ns
twl
—19
External Synchronous Clock Pulse Duration, Low
ns
-135
MIN.
-100
MIN.
MAX.
MAX.
7.5
10.0
——
135
100
——
——
——
——
0.0
6.0
——
0.0
——
5.0
——
——
——
——
3.5
3.5
100
143
5.0
4.0
5.0
9.0
12.0
12.0
7.0
7.0
10.0
77
100
6.5
0.0
8.0
0.0
6.5
5.0
5.0
13.0
5.0
6.0
12.5
15.0
15.0
9.0
9.0


Similar Part No. - ISPLSI2128VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB208 LATTICE-ISPLSI2128VE-100LB208 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB208 LATTICE-ISPLSI2128VE-100LB208 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com