Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPACCLK5320S-01TN48I Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPPACCLK5320S-01TN48I
Description  In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPACCLK5320S-01TN48I Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPPACCLK5320S-01TN48I Datasheet HTML 6Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 7Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 8Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 9Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 10Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 11Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 12Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 13Page - Lattice Semiconductor ISPPACCLK5320S-01TN48I Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Lattice Semiconductor
ispClock5300S Family Data Sheet
10
Programmable Input and Output Termination Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
RIN
Input Resistance
Rin=40Ω setting
36
44
Ω
Rin=45Ω setting
40.5
49.5
Rin=50Ω setting
45
55
Rin=55Ω setting
49.5
60.5
Rin=60Ω setting
54
66
Rin=65Ω setting
59
71.5
Rin=70Ω setting
61
77
ROUT
Output Resistance
Rout≈20Ω setting
TA = 25°C
—14—
Ω
Rout≈40Ω setting
TA = 25°C
36
38
44
Rout≈45Ω setting
TA = 25°C
41
45
51
Rout≈50Ω setting
TA = 25°C
45
50
55
Rout≈55Ω setting
TA = 25°C
50
55
61
Rout≈60Ω setting
TA = 25°C
54
59
66
Rout≈65Ω setting
TA = 25°C
59
65
71
Rout≈70Ω setting
TA = 25°C
63
72
78
ROUT_TEMPCO
Output Resistor
Temperature Coefficient
500
PPM/°C


Similar Part No. - ISPPACCLK5320S-01TN48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPACCLK5510V-01T100C LATTICE-ISPPACCLK5510V-01T100C Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01T100I LATTICE-ISPPACCLK5510V-01T100I Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01T48C LATTICE-ISPPACCLK5510V-01T48C Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01T48I LATTICE-ISPPACCLK5510V-01T48I Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPACCLK5510V-01TN100C LATTICE-ISPPACCLK5510V-01TN100C Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPACCLK5320S-01TN48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600 LATTICE-ISPCLOCK5600 Datasheet
871Kb / 47P
   In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5600A LATTICE-ISPCLOCK5600A Datasheet
980Kb / 51P
   In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com