Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPACCLK5520V-01TN48I Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPPACCLK5520V-01TN48I
Description  In-System Programmable Clock Generator with Universal Fan-Out Buffer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPACCLK5520V-01TN48I Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPPACCLK5520V-01TN48I Datasheet HTML 5Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 6Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 7Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 8Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 9Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 10Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 11Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 12Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Lattice Semiconductor
ispClock5500 Family Data Sheet
9
Programmable Input and Output Termination Characteristics
Symbol
Parameter
Conditions
VCCO Voltage
Min.
Typ.
Max.
Units
RIN
Input Resistance
Rin=40Ω setting
36
44
Rin=45Ω setting
40.5
49.5
Rin=50Ω setting
45
55
Rin=55Ω setting
49.5
60.5
Rin=60Ω setting
54
66
Rin=65Ω setting
59
71.5
Rin=70Ω setting
61
77
ROUT
Output Resistance
1
Rout≈20Ω setting
VCCO=3.3V
14
VCCO=2.5V
14
VCCO=1.8V
14
VCCO=1.5V
14
Rout≈40Ω setting
VCCO=3.3V
-9%
38
9%
VCCO=2.5V
-11%
40
11%
VCCO=1.8V
-13%
40
13%
Rout≈45Ω setting
VCCO=3.3V
-10%
45
10%
VCCO=2.5V
-12%
45
12%
VCCO=1.8V
-14%
44
14%
Rout≈50Ω setting
VCCO=3.3V
-8%
50
8%
VCCO=2.5V
-9%
49
9%
VCCO=1.8V
-13%
49
13%
Rout≈55Ω setting
VCCO=3.3V
-9%
55
9%
VCCO=2.5V
-11%
55
11%
VCCO=1.8V
-13%
55
13%
Rout≈60Ω setting
VCCO=3.3V
-8%
59
8%
VCCO=2.5V
-9%
59
9%
VCCO=1.8V
-14%
59
14%
Rout≈65Ω setting
VCCO=3.3V
-8%
65
8%
VCCO=2.5V
-9%
64
9%
VCCO=1.8V
-13%
64
13%
Rout≈70Ω setting
VCCO=3.3V
-9%
72
9%
VCCO=2.5V
-10%
70
10%
VCCO=1.8V
-12%
69
12%
1. Guaranteed by characterization.


Similar Part No. - ISPPACCLK5520V-01TN48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPACCLK5304S-01T48C LATTICE-ISPPACCLK5304S-01T48C Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01T48I LATTICE-ISPPACCLK5304S-01T48I Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01T64C LATTICE-ISPPACCLK5304S-01T64C Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01T64I LATTICE-ISPPACCLK5304S-01T64I Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01TN48C LATTICE-ISPPACCLK5304S-01TN48C Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com