Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPACCLK5520V-01TN48I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPPACCLK5520V-01TN48I
Description  In-System Programmable Clock Generator with Universal Fan-Out Buffer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPACCLK5520V-01TN48I Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPPACCLK5520V-01TN48I Datasheet HTML 1Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 2Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 3Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 4Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 5Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 6Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 7Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 8Page - Lattice Semiconductor ISPPACCLK5520V-01TN48I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Lattice Semiconductor
ispClock5500 Family Data Sheet
5
Performance Characteristics – Power Supply
DC Electrical Characteristics – Single-ended Logic
DC Electrical Characteristics – LVDS
Symbol
Parameter
Conditions
Typ.
Max.
Units
ICCD
Core Supply Current
ispClock5510, fVCO = 640MHz
100
110
mA
ispClock5520, fVCO = 640MHz
130
150
mA
ICCA
Analog Supply Current
fVCO = 640MHz
5.5
7
mA
ICCO
Output Driver Supply Current
(per Bank)
VCCO = 1.8V
1, LVCMOS
VCCO = 2.5V
1, LVCMOS
VCCO = 3.3V
1, LVCMOS
VCCO = 3.3V
2, LVDS
13
18
24
7.5
15
24
35
8
mA
ICCJ
JTAG I/O Supply Current (static)
VCCJ = 1.8V
VCCJ = 2.5V
VCCJ = 3.3V
200
300
300
300
400
400
µA
1. Supply current consumed by each bank, both outputs active, 18pF load, 320MHz output frequency.
2. Supply current consumed by each bank, 100Ω/5pF differential load, 320MHz output frequency.
Logic Standard
VIL (V)
VIH (V)
VOL Max. (V) VOH Min. (V)
IOL (mA)
IOH (mA)
Min.
Max.
Min.
Max.
LVTTL/LVCMOS 3.3V
-0.3
0.8
2
3.6
0.4
VCCO - 0.4
4
1
-4
1
LVCMOS 1.8V
-0.3
0.68
1.07
3.6
0.4
VCCO - 0.4
4
1
-4
1
LVCMOS 2.5V
-0.3
0.7
1.7
3.6
0.4
VCCO - 0.4
4
1
-4
1
SSTL2 Class 1
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.54
2
VCCO - 0.81
2
7.6
-7.6
SSTL3 Class 1
-0.3
VREF - 0.2 VREF + 0.2
3.6
0.9
2
VCCO - 1.3
2
8-8
HSTL Class 1
-0.3
VREF - 0.1 VREF + 0.1
3.6
0.4
3
VCCO - 0.4
3
8-8
1. Specified for 50Ω internal series output termination.
2. Specified for 40Ω internal series output termination.
3. Specified for ≈20Ω internal series output termination.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VICM
Common Mode Input Voltage
VTHD ≤ 100mV
VTHD/2
2.0
V
VTHD ≤ 150mV
VTHD/2
2.325
V
VTHD
Differential Input Threshold
±100
mV
VIN
Input Voltage
0
2.4
V
VOH
Output High Voltage
RT = 100Ω
1.375
1.60
V
VOL
Output Low Voltage
RT = 100Ω
0.9
1.03
V
VOD
Output Voltage Differential
RT = 100Ω
250
400
480
mV
∆VOD
Change in VOD between H and L
50
mV
VOS
Output Voltage Offset
Common Mode Output Voltage
1.125
1.20
1.375
V
∆VOS
Change in VOS Between H and L
50
mV
ISA
Output Short Circuit Current
VOD = 0V, Outputs Shorted to GND
24
mA
ISAB
Output Short Circuit Current
VOD = 0V, Outputs Shorted to Each Other
12
mA


Similar Part No. - ISPPACCLK5520V-01TN48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPACCLK5304S-01T48C LATTICE-ISPPACCLK5304S-01T48C Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01T48I LATTICE-ISPPACCLK5304S-01T48I Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01T64C LATTICE-ISPPACCLK5304S-01T64C Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01T64I LATTICE-ISPPACCLK5304S-01T64I Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPPACCLK5304S-01TN48C LATTICE-ISPPACCLK5304S-01TN48C Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com