Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM517AD06DR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCM517AD06DR
Description  600mA Synchronous Dual Output Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM517AD06DR Datasheet(HTML) 1 Page - Torex Semiconductor

  XCM517AD06DR Datasheet HTML 1Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 2Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 3Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 4Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 5Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 6Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 7Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 8Page - Torex Semiconductor XCM517AD06DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XCM517 Series
600mA Synchronous Dual Output Step-Down DC/DC Converters
1
2
3
4
5
6
12
11
10
9
8
7
Lx
PGND
VIN
CE
AGND
VOUT
XC9235/XC9236
Lx
VIN
CE
VOUT
XC9235/XC9236
■GENERAL DESCRIPTION
The XCM517 series is a multi combination module IC which comprises of two 600mA driver transistor built-in synchronous
step–down DC/DC converter. The XCM517 series is available in an ultra small package USP-12B01 suited for space
conscious applications.
The XCM517 series is a group of synchronous-rectification type DC/DC converters with a built-in 0.42ΩP-channel driver
transistor and 0.52ΩN-channel switching transistor, designed to allow the use of ceramic capacitors. The ICs enable a high
efficiency, stable power supply with an output current of 600mA to be configured using only a coil and two capacitors connected
externally. Operating voltage range is from 2.7V to 6.0V. With the built-in oscillator, either 1.2MHz or 3.0MHz can be selected
for suiting to your particular application. As for operation mode, the XCM517xA / XCM517xB series are PWM control, the
XCM517xC / XCM517xD series are automatic PWM/PFM switching control, allowing fast response, low ripple and high
efficiency over the full range of loads (from light load to heavy load).
The soft start and current control functions are internally optimized. During stand-by, all circuits are shutdown to reduce
current consumption to as low as 1.0μA or less. With the built-in UVLO (Under Voltage Lock Out) function, the internal
P-channel driver transistor is forced OFF when input voltage becomes 1.4V or lower.
■APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth equipment
●Personal Device Assistances
●Portable games
●Digital still cameras, camcorders
■FEATURES
P-ch Driver Transistor Built-In
: ON resistance 0.42Ω
N-ch Driver Transistor Built-In
Input Voltage Range
: ON resistance 0.52Ω
: 2.7V ~ 6.0V
High Efficiency
: 92% (TYP.)
Output Current
: 600mA
Oscillation Frequency
: 1.2MHz, 3.0MHz (+15%)
Maximum Duty Cycle
Soft-Start Circuit Built-In
: 100%
Current Limiter Circuit Built-In
(Constant Current & Latching)
Ceramic Capacitor Compatible
Control Methods
: PWM (XCM517xA / XCM517xB)
PWM/PFM Auto (XCM517xC / XCM517xD)
*Performance depends on external components and wiring on the PCB.
Combination of voltage
1 ch
2ch
XCM517xx01D
1.2V
1.8V
XCM517xx02D
1.2V
3.3V
XCM517xx03D
1.8V
3.3V
XCM517xx06D
1.5V
1.8V
XCM517xx07D
1.5V
3.3V
*The other combination of voltage is semi-custom.
■TYPICAL APPLICATION CIRCUIT
ETR2425-007
* The dotted lines in the circuit indicates the connection using through-holes at the
backside of the PC board
(TOP VIEW)
VOUT1
AGND1
EN1
VIN2
Lx1
PGND1
VIN1
EN2
AGND2
VOUT2
Lx2
PGND2


Similar Part No. - XCM517AD06DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 123P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM519AA01DR TOREX-XCM519AA01DR Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM519AA02DR TOREX-XCM519AA02DR Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
More results

Similar Description - XCM517AD06DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com