Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM517AA06DR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XCM517AA06DR
Description  600mA Synchronous Dual Output Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM517AA06DR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XCM517AA06DR Datasheet HTML 3Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 4Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 5Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 6Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 7Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 8Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 9Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 10Page - Torex Semiconductor XCM517AA06DR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7/28
XCM517
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●XCM517Bx, 1ch Block / 2ch Block
VOUT=1.8V, fOSC=1.2MHz, Ta=25℃
Test conditions: Unless otherwise stated, VIN = 5.0V, VOUT (E) = Setting voltage
NOTE:
*1: Including hysteresis width of operating voltage.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: Design value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6: Time until it short-circuits DCOUT with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse
generating.
*7: When VOUT(E)+1.2V<2.7V, VIN=2.7V
*8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*9: Current limit denotes the level of detection at peak of coil current.
*10: "H"=VIN∼VIN - 1.2V, "L"=+ 0.1V ∼ - 0.1V
*11: XCM517xA / XCM517xB series exclude IPFM and MAXIPFM because those are only for the PFM control’s functions.
*12: The electrical characteristics shows 1 channel values when the other channel is stopped.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT
When connected to external components,
VIN=VEN=5.0V, IOUT1=30mA
1.764
1.800
1.836
V
Operating Voltage Range
VIN
2.7
-
6.0
V
Maximum Output Current
IOUTMAX
When connected to external components,
VIN=VOUT(E)+2.0V, VEN=1.0V
(*8)
600
-
-
mA
UVLO Voltage
VUVLO
VEN=VIN,VOUT=0V,
Voltage which Lx pin holding “L” level
(*1, *10)
1.00
1.40
1.78
V
(XCM517BA)
-
22
50
Supply Current
IDD
VIN=VEN=5.0V, VOUT=VOUT(E)×1.1V
(XCM517BC)
-
15
33
μA
Stand-by Current
ISTB
VIN=5.0V, VEN=0V, VOUT=VOUT(E)×1.1V
-
0
1.0
μA
Oscillation Frequency
fOSC
When connected to external components,
VIN=VOUT(E)+2.0V,VEN=1.0V, IOUT=100mA
1020
1200
1380
kHz
PFM Switching Current
IPFM
When connected to external components,
VIN=VOUT(E)+2.0V, VEN=VIN , IOUT=1mA
(*11)
120
160
200
mA
Maximum IPFM Limit
MAX IPFM
VEN=VIN=(C-1) IOUT=1mA
(*11)
200
%
Maximum Duty Ratio
MAXDTY
VIN=VEN5.0V, VOUT=VOUT (E)×0.9V
100
-
-
%
Minimum Duty Ratio
MINDTY
VIN=VEN5.0V, VOUT=VOUT (E)×1.1V
-
-
0
%
Efficiency
(*2)
EFFI
When connected to external components,
VEN=VIN=VOUT (E)+1.2V
(*7), IOUT =100mA
-
92
-
%
Lx SW "H" ON Resistance 1
RL
xH
VIN=VEN=5.0V, VOUT=0V,ILX =100mA
(*3)
-
0.35
0.55
Ω
Lx SW "H" ON Resistance 2
RL
xH
VIN=VEN=3.6V, VOUT=0V,ILX =100mA
(*3)
-
0.42
0.67
Ω
Lx SW "L" ON Resistance 1
RL
xL
VIN=VEN=5.0V
(*4)
-
0.45
0.66
Ω
-
Lx SW "L" ON Resistance 2
RL
xL
VIN=VEN=3.6V,
(*4)
-
0.52
0.77
Ω
-
Lx SW "H" Leak Current
(*5)
ILeakH
VIN=VOUT =5.0V, VEN=0V, LX=0V
-
0.01
1.0
μA
Current Limit
(*9)
ILIM
VIN=VEN=5.0V, VOUT=VOUT (E)×0.9V
(*7)
900
1050
1350
mA
Output Voltage
Temperature
Characteristics
△VOUT
VOUT・△topr
IOUT=30mA
-40℃≦Topr≦85℃
-
±100
-
ppm/ ℃
EN "H" Level Voltage
VENH
VOUT =0V, Applied voltage to VEN,
Voltage changes Lx to “H” level
(*10)
0.65
-
6.0
V
EN "L" Level Voltage
VENL
VOUT =0V, Applied voltage to VEN,
Voltage changes Lx to “L” level
(*10)
VSS
-
0.25
V
EN "H" Current
IENH
VIN=VEN=5.0V, VOUT=0V
- 0.1
0.
μA
EN "L" Current
IENL
VIN=5.0V, VEN=0V, VOUT=0V
- 0.1
-
0.1
μA
Soft Start Time
tSS
When connected to external components,
VEN=0V → VIN , IOUT=1mA
-
0.25
0.4
ms
Latch Time
tLAT
VIN= VEN=5.0V, VOUT=0.8× VOUT(E),
Short Lx at 1Ω resistance
(*6)
1.0
-
20.0
ms
Short Protection
Threshold Voltage
VSHORT
Sweeping VOUT , VIN=VEN= 5.0V, Short Lx at
1Ω resistance, VOUT voltage which Lx becomes “L”
level within 1ms
0.675
0.900
1.125
V
CLDischarge
Rdischg
VIN = 5.0V LX = 5.0V VEN = 0V VOUT = open
200
300
450
Ω


Similar Part No. - XCM517AA06DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 123P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM519AA01DR TOREX-XCM519AA01DR Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM519AA02DR TOREX-XCM519AA02DR Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
More results

Similar Description - XCM517AA06DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com