Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM406 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCM406
Description  High Current High Speed Dual LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCM406 Datasheet HTML 1Page - Torex Semiconductor XCM406 Datasheet HTML 2Page - Torex Semiconductor XCM406 Datasheet HTML 3Page - Torex Semiconductor XCM406 Datasheet HTML 4Page - Torex Semiconductor XCM406 Datasheet HTML 5Page - Torex Semiconductor XCM406 Datasheet HTML 6Page - Torex Semiconductor XCM406 Datasheet HTML 7Page - Torex Semiconductor XCM406 Datasheet HTML 8Page - Torex Semiconductor XCM406 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
XCM406
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VIN=VOUT(T)+1.0V, IOUT=30mA
VCE=ON(VIN or VSS)
×0.98
VOUT(T)
×1.02
Output Voltage
(*2), (*3)
VOUT(E)
VOUT(T)
≦1.5V, IOUT=30mA
VCE=ON(VIN or VSS)
(-30mV)
VOUT(T)
(+30mV)
V
Maximum Output Current
VOUT(E)
>1.6V
IOUTMAX
VIN=VOUT(T)+1.0V,
VCE=ON(VIN or VSS)
700
-
-
mA
Maximum Output Current
VOUT(E)
≦1.5V
IOUTMAX
VIN=VOUT(T)+1.0V,
VCE=ON(VIN or VSS)
500
-
-
mA
Load Regulation
△VOUT
1mA
≦IOUT≦100mA, VCE=ON(VIN or VSS)
-
15
60
mV
Vdif1
IROUT=30mA, VCE=ON(VIN or VSS)
E-1
mV
Dropout Voltage
(*4)
Vdif2
IROUT=100mA, VCE=ON(VIN or VSS)
E-2
mV
Supply Current (A type)
VIN=VCE=VOUT(T)+1.0V
E-3
Supply Current (B type)
IDD
VIN=VCE=VOUT(T)+1.0V
-
35
55
μA
Stand-by Current
ISTBY
VIN=6.0V,CE=OFF(VIN or VSS)
-0.10
-
0.10
μA
Line Regulation
△VOUT
△Topr・△VOUT
VOUT(T)+1.0V
≦VIN≦6.0V
VOUT(T)
≧4.5V, 5.5V≦VIN≦6.0V
VCE=ON(VIN or VSS), IOUT=30mA
-
0.01
0.20
%
/ V
Input Voltage
VIN
1.5
-
6.0
V
-
Output Voltage
Temperature Characteristics
△VOUT
△Topr・△VOUT
IOUT=30mA, VCE=ON(VIN or VSS)
-40
℃≦Topr≦85℃
-
±100
-
ppm
/ ℃
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+1.0]VDC+0.5Vp-pAC
VOUT(T)
≧4.75V→VIN=5.75VDC+0.5Vp-pAC
VCE=ON(VIN or VSS), IOUT=30mA, f=1kHz
-
60
-
dB
Current Limiter
VOUT(E)
>1.6V
Ilim
VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS)
700
800
-
mA
Current Limiter
VOUT(E)
≦1.5V
Ilim
VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS)
-
800
-
mA
Short-Circuit Current
Ishort
VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS)
-
50
-
mA
CE “High” Level Voltage
VCEH
1.3
-
6.0
V
CE “Low” Level Voltage
VCEL
-
-
0.25
V
CE “High” Level Current
(A type)
ICEH
E-4
E-4
μA
CE “High” Level Current
(B type)
ICEH
VCE=VIN=VOUT(T)+1.0V
- 0.10
-
0.10
μA
CE “Low” Level Current
(A
・B type )
ICEL
VIN=VOUT(T)+1.0V, VCE=VSS
- 0.10
-
0.10
μA
Ta=25
■ELECTRICAL CHARACTERISTICS
●VR Block(XC6210 Series)
NOTE:
*1: Unless otherwise stated, VIN=VOUT(T)+1.0V
*2: VOUT(T)=Specified output voltage
*3: VOUT(E)=Effective output voltage
(i.e. the output voltage when " VOUT(T)+1.0V" is provided while maintaining a certain IOUT value).
*4: Vdif ={VIN1
(*6)-VOUT1(*5) }
*5: A voltage equal to 98% of the output voltage whenever a stabilized VOUT1=IOUT{VOUT(T)+1.0V} is input.
*6: VIN1= the input voltage when VOUT1, which appears as input voltage is gradually decreased.
*7: VOUT(T)<1.50V
MIN. : VOUT(T) - 30mV, MAX. : VOUT(T) +30mV
*8: CE conditions:
XC6210A / B type: ON=VIN, OFF=VSS


Similar Part No. - XCM406

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA01DR TOREX-XCM406AA01DR Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA01DR-G TOREX-XCM406AA01DR-G Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA02DR TOREX-XCM406AA02DR Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA02DR-G TOREX-XCM406AA02DR-G Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
More results

Similar Description - XCM406

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com