Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM406 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XCM406
Description  High Current High Speed Dual LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XCM406 Datasheet HTML 3Page - Torex Semiconductor XCM406 Datasheet HTML 4Page - Torex Semiconductor XCM406 Datasheet HTML 5Page - Torex Semiconductor XCM406 Datasheet HTML 6Page - Torex Semiconductor XCM406 Datasheet HTML 7Page - Torex Semiconductor XCM406 Datasheet HTML 8Page - Torex Semiconductor XCM406 Datasheet HTML 9Page - Torex Semiconductor XCM406 Datasheet HTML 10Page - Torex Semiconductor XCM406 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
XCM406
Series
E-0
E-1
E-2
E-3
E-4
DROPOUT
VOLTAGE 1 (mV)
(IOUT=30mA)
DROPOUT
VOLTAGE 2 (mV)
(IOUT=100mA)
SUPPLY CURRENT
(
μA)
CE “H” LEVEL
CURRENT
(
μA)
PARAMETER
SPECIFIED
OUTPUTVOLTAGE
OUTPUT
VOLTAGE
(V)
Ta=25
Ta=25
Ta=25
Ta=25
VOUT
Vdif1
Vdif2
IDD
ICEH
VOUT(T)
MIN
MAX
TYP
MAX
TYP
MAX
TYP
MAX
MIN
MAX
3.00
2.940
3.060
3.05
2.989
3.111
3.10
3.038
3.162
3.15
3.087
3.213
3.20
3.136
3.264
3.25
3.185
3.315
3.30
3.234
3.366
3.35
3.283
3.417
3.40
3.332
3.468
3.45
3.381
3.519
40.5
67.5
4.00
12.50
3.50
3.430
3.570
3.55
3.479
3.621
3.60
3.528
3.672
3.65
3.577
3.723
3.70
3.626
3.774
3.75
3.675
3.825
3.80
3.724
3.876
3.85
3.773
3.927
3.90
3.822
3.978
3.95
3.871
4.029
15
23
50
75
41.0
69.0
4.40
14.00
4.00
3.920
4.080
4.05
3.969
4.131
4.10
4.018
4.182
4.15
4.067
4.233
4.20
4.116
4.284
4.25
4.165
4.335
4.30
4.214
4.386
4.35
4.263
4.437
4.40
4.312
4.488
4.45
4.361
4.539
41.5
70.5
4.85
15.50
4.50
4.410
4.590
4.55
4.459
4.641
4.60
4.508
4.692
4.65
4.557
4.743
4.70
4.606
4.794
4.75
4.655
4.845
4.80
4.704
4.896
4.85
4.753
4.947
4.90
4.802
4.998
4.95
4.851
5.049
5.00
4.900
5.100
15
23
50
75
42.0
72.0
5.30
17.00
●XC6210 Series Voltage Table 2
■VOLTAGE CHART (Continued)


Similar Part No. - XCM406

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA01DR TOREX-XCM406AA01DR Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA01DR-G TOREX-XCM406AA01DR-G Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA02DR TOREX-XCM406AA02DR Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406AA02DR-G TOREX-XCM406AA02DR-G Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
More results

Similar Description - XCM406

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com