Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6206P462MR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6206P462MR
Description  Low ESR Cap.Compatible Positive Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6206P462MR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6206P462MR Datasheet HTML 1Page - Torex Semiconductor XC6206P462MR Datasheet HTML 2Page - Torex Semiconductor XC6206P462MR Datasheet HTML 3Page - Torex Semiconductor XC6206P462MR Datasheet HTML 4Page - Torex Semiconductor XC6206P462MR Datasheet HTML 5Page - Torex Semiconductor XC6206P462MR Datasheet HTML 6Page - Torex Semiconductor XC6206P462MR Datasheet HTML 7Page - Torex Semiconductor XC6206P462MR Datasheet HTML 8Page - Torex Semiconductor XC6206P462MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
XC6206
Series
●Electrical Characteristics Chart
E-1
E-2
E-3
E-4
E-5
E-6
OUTPUT VOLTAGE
PARAMETER
SETTING
VOLTAGE
2%
ACCURACY
1%
ACCURACY
MAX.
OUTPUT
CURRENT
LOAD
REGULATION
DROPOUT
VOLTAGE 1
DROPOUT
VOLTAGE 2
SHORT
CURRENT
VOUT(E) (V)
VOUT(E) (V)
IOUTMAX
(mA)
VOUT
(mV)
Vdif1
(mV)
Vdif2
(mV)
Ishort
(mA)
VOUT(T)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
1.2
1.170
1.230
460
760
1.3
1.270
1.330
400
650
700
960
1.4
1.370
1.430
40
350
590
180
1.5
1.470
1.530
60
300
510
580
860
1.6
1.568
1.632
250
450
1.7
1.666
1.734
200
410
450
810
155
1.8
1.764
1.836
150
390
1.9
1.862
1.938
Not Available
80
45
2.0
1.960
2.040
1.980
2.020
780
2.1
2.058
2.042
2.079
2.121
2.2
2.156
2.244
2.178
2.222
130
2.3
2.254
2.346
2.277
2.323
2.4
2.352
2.448
2.376
2.424
120
50
2.5
2.450
2.550
2.475
2.525
2.6
2.548
2.652
2.574
2.626
2.7
2.646
2.754
2.673
2.727
2.8
2.744
2.856
2.772
2.828
2.9
2.842
2.958
2.871
2.929
150
55
100
370
350
710
3.0
2.940
3.060
2.970
3.030
3.1
3.038
3.162
3.069
3.131
3.2
3.136
3.264
3.168
3.232
3.3
3.234
3.366
3.267
3.333
3.4
3.332
3.468
3.366
3.434
60
3.5
3.430
3.570
3.465
3.535
3.6
3.528
3.672
3.564
3.636
3.7
3.626
3.774
3.663
3.737
3.8
3.724
3.876
3.762
3.838
3.9
3.822
3.978
3.861
3.939
200
65
75
350
250
680
4.0
3.920
4.080
3.960
4.040
4.1
4.018
4.182
4.059
4.141
4.2
4.116
4.284
4.158
4.242
4.3
4.214
4.386
4.257
4.343
4.4
4.312
4.488
4.356
4.444
70
4.5
4.410
4.590
4.455
4.545
4.6
4.508
4.692
4.554
4.646
4.7
4.606
4.794
4.653
4.747
4.8
4.704
4.896
4.752
4.848
4.9
4.802
4.998
4.851
4.949
75
60
320
200
630
5.0
4.900
5.100
4.950
5.050
250
80
50
290
175
600
100
■ELECTRICAL CHARACTERISTICS (Continued)
5/17


Similar Part No. - XC6206P462MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P TOREX-XC6206P Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206P121DR TOREX-XC6206P121DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LB TOREX-XC6206P121LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LH TOREX-XC6206P121LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

Similar Description - XC6206P462MR

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com