Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A091MR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6601A091MR
Description  Low Voltage Input LDO Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A091MR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6601A091MR Datasheet HTML 1Page - Torex Semiconductor XC6601A091MR Datasheet HTML 2Page - Torex Semiconductor XC6601A091MR Datasheet HTML 3Page - Torex Semiconductor XC6601A091MR Datasheet HTML 4Page - Torex Semiconductor XC6601A091MR Datasheet HTML 5Page - Torex Semiconductor XC6601A091MR Datasheet HTML 6Page - Torex Semiconductor XC6601A091MR Datasheet HTML 7Page - Torex Semiconductor XC6601A091MR Datasheet HTML 8Page - Torex Semiconductor XC6601A091MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2/32
XC6601 Series
CE
VOUT
VSS
VBIAS
VIN
SOT-25
(TOP VIEW)
12
3
4
5
●USP-6C
SOT-25
SOT-89-5
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTION
1
2
2
VBIAS
Power Supply Input
3
1
4
VIN
Driver Transistor Input
4
5
5
VOUT
Output
2
3
3
VSS
Ground
6
4
1
CE
ON/OFF Control
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE High Active, Pull-Down Resistor Built-in, CL Auto Discharge Function
Type of
Regulators
B
: CE High Active, No Pull-Down Resistor Built-in, CL Auto Discharge Function
②③
Output Voltage
07 ~ 18
: e.g.) VOUT(T)=1.2V⇒②=1,③=2
1
: 100mV increments, ±20mV accuracy
e.g.) 1.2V⇒②=1,③=2,④=1
Output Voltage
Accuracy
B
: 50mV increments, ±20mV accuracy
e.g.) 1.25V⇒②=1,③=2,④=B
M
: SOT-25
E
: USP-6C
Packages
P
: SOT-89-5
R
: Embossed Tape (Standard Feed)
Device Orientation
L
: Embossed Tape (Reverse Feed)
■PIN CONFIGURATION
■PIN ASSIGNMENT
PRODUCT CLASSIFICATION
●Ordering Information
XC6601①②③④⑤⑥
*
The heat dissipation pad of the USP-6C
package is recommended to solder as the
recommended mount pattern and metal
mask pattern for mounting strength. This
pad should be electrically opened or
connected to the VBIAS (No.1) pin.


Similar Part No. - XC6601A091MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A071ER TOREX-XC6601A071ER Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071ER-G TOREX-XC6601A071ER-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071MR TOREX-XC6601A071MR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071MR-G TOREX-XC6601A071MR-G Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071PR TOREX-XC6601A071PR Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601A091MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com