Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6366D103MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6366D103MR
Description  PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6366D103MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6366D103MR Datasheet HTML 7Page - Torex Semiconductor XC6366D103MR Datasheet HTML 8Page - Torex Semiconductor XC6366D103MR Datasheet HTML 9Page - Torex Semiconductor XC6366D103MR Datasheet HTML 10Page - Torex Semiconductor XC6366D103MR Datasheet HTML 11Page - Torex Semiconductor XC6366D103MR Datasheet HTML 12Page - Torex Semiconductor XC6366D103MR Datasheet HTML 13Page - Torex Semiconductor XC6366D103MR Datasheet HTML 14Page - Torex Semiconductor XC6366D103MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
XC6365/XC6366
Series
■NOTES ON USE
1. Take ample care to ensure that none of the IC's, nor the external component's, absolute maximum ratings are exceeded.
2. Be extremely careful when selecting parts and do not limit your reference to the specifications and characteristics for the
DC/DC converter alone. The IC also depends, to a great extent, upon the external components.
3. Arrange the peripherals in the environs of the IC. In order to reduce wiring impedance, use short, thick wires. In particular,
wire the load capacitor as close as possible and strengthen the ground wiring sufficiently.
4. Ground current during switching may cause the IC's operations to become unstable due to changes in ground voltage, so
please strengthen the IC's GND pin surroundings.
●External Components
1. Setting soft start time
To set a longer soft start time, please use XC6365C or XC6365D series which soft start function is externally set up.
For the measurement of soft start time TSS, the time is needed to be between the maximum and the minimum value indicated
in the chart below. Please set a soft start capacitor CSS according to the application.
2. Setting RFB1 and CFB
fzfb=1
÷ (2 π × CFB × RFB1)
As the combination of RFB1 and CFB enable to set fzfb between 0.5kHz to 20kHz, within the realm of fzfb=0.5kHz to
fzfb=20kHz as the chart below can be effective.
Under normal condition, please set the combination to configure around fzfb=10kHz.


Similar Part No. - XC6366D103MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6366D103MR TOREX-XC6366D103MR Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
More results

Similar Description - XC6366D103MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com