Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2163F51EMR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2163F51EMR
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163F51EMR Datasheet(HTML) 6 Page - Torex Semiconductor

  XC2163F51EMR Datasheet HTML 1Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 2Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 3Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 4Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 5Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 6Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 7Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 8Page - Torex Semiconductor XC2163F51EMR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
XC2163 Series
STANDARD VALUE
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.97
-
3.63
V
'H' Level Input Voltage
VIH
/INH pin
2.4
-
-
V
'L' Level Input Voltage
VIL
/INH pin
-
-
0.4
V
'H' Level Output Voltage
VOH
Qo pin, VDD = 2.97V, IOH = -8mA
2.2
2.4
-
V
'L' Level Output Voltage
VOL
Qo pin, VDD = 2.97V, IOL = 8mA
-
0.3
0.4
V
Supply Current 1
IDD1
/INH = OPEN, CL = 15pF, f = 120MHz
-
15
-
mA
Supply Current 2
IDD2
/INH = 'L', f = 100MHz
-
4
-
mA
Input Pull-Up Resistance 1
Rup1
/INH = 'L'
2.0
4.0
6.0
M
Ω
Input Pull-Up Resistance 2
Rup2
/INH = 0.7VDD
70
140
250
k
Ω
Output Off Leak Current
IOZ
Qo pin, /INH = 'L'
-
-
10
μA
STANDARD VALUE
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Rise Time
tr
CL=15pF, 0.1VDD ~ 0.9VDD
-
1.5
-
ns
Output Fall Time
tf
CL=15pF, 0.9VDD ~ 0.1VDD
-
1.5
-
ns
Output Duty Cycle
DUTY
0.5VDD, CL=15pF, f=120MHz
45
-
55
%
Output Disable
Delay Time
tplz
CL=15pF
-
-
100
ns
Output Enable
Delay Time
tpzl
CL=15pF
-
-
100
ns
■SWITCHING CHARACTERISTICS
■ELECTRICAL CHARACTERISTICS (Continued)
XC2163C51ZMR
FOSC= 108MHz to 125MHz : Rf = 3.9k
Ω, Cg = Cd = 4pF external
CMOS DUTY : VDD=3.3V, Ta=25
The contents can be changed without advance notice.
(Unless otherwise stated, VDD=3.3V, Ta=25
℃)
XC2163C51ZMR


Similar Part No. - XC2163F51EMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163F51AML TOREX-XC2163F51AML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163F51AMR TOREX-XC2163F51AMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163F51BML TOREX-XC2163F51BML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163F51BMR TOREX-XC2163F51BMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163F51ZAML TOREX-XC2163F51ZAML Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163F51EMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com