Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6210A10APR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6210A10APR
Description  High Current, High Speed LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210A10APR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6210A10APR Datasheet HTML 1Page - Torex Semiconductor XC6210A10APR Datasheet HTML 2Page - Torex Semiconductor XC6210A10APR Datasheet HTML 3Page - Torex Semiconductor XC6210A10APR Datasheet HTML 4Page - Torex Semiconductor XC6210A10APR Datasheet HTML 5Page - Torex Semiconductor XC6210A10APR Datasheet HTML 6Page - Torex Semiconductor XC6210A10APR Datasheet HTML 7Page - Torex Semiconductor XC6210A10APR Datasheet HTML 8Page - Torex Semiconductor XC6210A10APR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
XC6210 Series
High Current, High Speed LDO Regulators
■FEATURES
Maximum Output Current : More than 700mA
(800mA limit, TYP.)
(1.6V<VOUT(T)<5.0V)
Dropout Voltage
: 50mV @ 100mA
: 100mV @ 200mA
Operating Voltage Range : 1.5V ~ 6.0V
Output Voltage Range
: 0.8V ~ 5.0V
(50mV increments)
Highly Accurate
: +2%
(The setting voltage accuracy)
Low Power Consumption : 35
μA (TYP.)
High Ripple Rejection
: 60dB @1kHz
Operational Ambient Temperature
: - 40
℃ ~ 85℃
CMOS
Low ESR Capacitor Compatible
Ultra Small Packages
: SOT-25 (SOT-23-5)
SOT-89-5
USP-6B
■GENERAL DESCRIPTION
The XC6210 series are precise, low noise, high current, positive voltage low dropout regulators. They are fabricated using
Torex’s CMOS process.
The series features a voltage reference, an error amplifier, a current limiter, and a phase compensation circuit plus a driver transistor.
With a low ON resistance driver transistor built into, batteries can be used until input-output voltage differential is minimal and
can accordingly be used for a longer time.
The series is also compatible with low ESR ceramic capacitors which give added output stability.
The output voltage of the LDO is selectable in 50mV increments within the range of 0.8V to 5.0V.
The current limiter's foldback circuit also operates as the output current limiter and the output pin protection.
The IC's internal regulator circuit can be placed in stand-by mode via the CE function.
In the stand-by mode, power
consumption is greatly reduced.
■APPLICATIONS
●CD-ROMs, CD-R / RW drive
●DVD drive
●HDD drive
●Cameras, Video recorders
●Portable AV equipment
●Battery powered equipment
■TYPICAL APPLICATION CIRCUIT
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Dropout Voltage vs. Output Current
ETR0317_002


Similar Part No. - XC6210A10APR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210A TOREX-XC6210A Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
XC6210A302D TOREX-XC6210A302D Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210A30AD TOREX-XC6210A30AD Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210A312D TOREX-XC6210A312D Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210A31AD TOREX-XC6210A31AD Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
More results

Similar Description - XC6210A10APR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com