Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMIS-42675 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part No. AMIS-42675
Description  High-Speed Low Power CAN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42675 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-42675 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AMIS-42675 High-Speed Low Power CAN Transceiver
Data Sheet
For Long Networks
4.0 Technical Characteristics
Table 2: Technical Characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Power supply voltage
4.75
5.25
V
VSTB
DC voltage at pin STB
-0.3
VCC
V
VTxD
DC voltage at pin TxD
-0.3
VCC
V
VRxD
DC voltage at pin RxD
-0.3
VCC
V
VCANH
DC voltage at pin CANH
0 < VCC < 5.25V; no time limit
-35
+35
V
VCANL
DC voltage at pin CANL
0 < VCC < 5.25V; no time limit
-35
+35
V
VSPLIT
DC voltage at pin VSPLIT
0 < VCC < 5.25V; no time limit
-35
+35
V
VO(dif)(bus_dom)
Differential bus output voltage in dominant state
42.5
Ω < RLT < 60Ω
1.5
3
V
CM-range
Input common-mode range for comparator
Guaranteed differential receiver threshold and
leakage current
-35
+35
V
VCM-peak
Common-mode peak
Note
-500
500
mV
Cload
Load capacitance on IC outputs
15
pF
tpd(rec-dom)
Propagation delay TxD to RxD
See Figure 5
70
230
ns
t pd(dom-rec)
Propagation delay TxD to RxD
See Figure 5
100
245
ns
VCM-step
Common-mode step
Note
-150
150
mV
Tjunc
Junction temperature
-40
150
°C
Note:
The parameters VCM-peak and VCM-step guarantee low EME.
5.0 Block Diagram
Figure 1: Block Diagram
VSPLIT
Mode &
wake -up
control
Wake - up
Filter
AMIS- 42675
STB
GND
RxD
VCC
2
3
7
6
COMP
COMP
5
VCC
TxD
1
Driver
control
Thermal
shutdown
VCC
8
4
VSPLIT
VCC
PC20071005.2
POR
CANH
CANL
2
AMI Semiconductor
–October 07, Rev. 1.0
www.amis.com
Specifications subject to change without notice


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn