Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0ICAG-001-XTP Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # 0ICAG-001-XTP
Description  High Speed CAN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

0ICAG-001-XTP Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button 0ICAG-001-XTP Datasheet HTML 3Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 4Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 5Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 6Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 7Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 8Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 9Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 10Page - AMI SEMICONDUCTOR 0ICAG-001-XTP Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AMIS-42673 High Speed CAN Transceiver
Data Sheet
For Long Networks
Table 7: Characteristics (Continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Bus Lines (pins CANH and CANL)
Ci(CANH)
Input capacitance at pin CANH
VTxD = VCC; not tested
7.5
20
pF
Ci(CANL)
Input capacitance at pin CANL
VTxD = VCC; not tested
7.5
20
pF
Ci(dif)
Differential input capacitance
VTxD = VCC; not tested
3.75
10
pF
ILI(CANH)
Input leakage current at pin CANH
VCC = 0V; VCANH = 5V
10
170
250
µA
ILI(CANL)
Input leakage current at pin CANL
VCC = 0V; VCANL = 5V
10
170
250
µA
VCM-peak
Common-mode peak during transition from
dom
rec or rec dom
Figure 8 and
Figure 9
-500
500
mV
VCM-step
Difference in common-mode between
dominant and recessive state
Figure 8 and
Figure 9
-150
150
mV
Power on Reset
PORL
POR level
CANH, CANL,
Vref in tri-
state below POR level
2.2
3.5
4.7
V
Thermal Shutdown
Tj(sd)
shutdown junction temperature
150
160
180
°C
Timing Characteristics (see Figures 6 and 7)
td(TxD-BUSon)
Delay TxD to bus active
40
85
110
ns
td(TxD-BUSoff)
Delay TxD to bus inactive
30
60
110
ns
td(BUSon-RxD)
Delay bus active to RxD
25
55
110
ns
td(BUSoff-RxD)
Delay bus inactive to RxD
65
100
135
ns
tpd(rec-dom)
Propagation delay TxD to RxD from
recessive to dominant
100
230
ns
td(dom-rec)
Propagation delay TxD to RxD from
dominant to recessive
100
245
ns
Note: 1) Not tested at ATE
VCC = 4.75 to 5.25V; V33 = 2.5V ± 5%; Tjunc = -40 to +150 °C; RLT = 60Ω unless specified otherwise.
Table 8: Digital Output Characteristics @ V33 = 2.5V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Receiver Data Output (pin RxD)
Ioh
HIGH-level output current
VOH > 0.9 x V33
-2.6
mA
Iol
LOW-level output current
VOL < 0.1 x V33
4
mA
8.5 Measurement Set-ups and Definitions
Figure 4: Test Circuit for Automotive Transients
AMIS-
42673
GND
2
CANH
CANL
VREF
5
6
7
PC20071003.4
RxD
4
TxD
1
1 nF
20 pF
1 nF
Transient
Generator
100 nF
VCC
100 nF
+5 V
+3.3 V
V33
3
8
7
AMI Semiconductor – October 07, Rev. 1.0
www.amis.com
Specifications subject to change without notice


Similar Part No. - 0ICAG-001-XTP

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
0ICAA-001-XTD AMI-0ICAA-001-XTD Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
0ICAA-001-XTP AMI-0ICAA-001-XTP Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
0ICAB-001-XTD AMI-0ICAB-001-XTD Datasheet
546Kb / 12P
   High-Speed CAN Transceiver
0ICAB-001-XTP AMI-0ICAB-001-XTP Datasheet
546Kb / 12P
   High-Speed CAN Transceiver
0ICAH-002-XTD AMI-0ICAH-002-XTD Datasheet
507Kb / 12P
   High-Speed CAN Transceiver
More results

Similar Description - 0ICAG-001-XTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com